Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3809 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3809
Description  No RSENSE, Low EMI, Synchronous DC/DC Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3809 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3809_15 Datasheet HTML 4Page - Linear Technology LTC3809_15 Datasheet HTML 5Page - Linear Technology LTC3809_15 Datasheet HTML 6Page - Linear Technology LTC3809_15 Datasheet HTML 7Page - Linear Technology LTC3809_15 Datasheet HTML 8Page - Linear Technology LTC3809_15 Datasheet HTML 9Page - Linear Technology LTC3809_15 Datasheet HTML 10Page - Linear Technology LTC3809_15 Datasheet HTML 11Page - Linear Technology LTC3809_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC3809
8
3809fc
OPERATION (Refer to Functional Diagram)
Main Control Loop
The LTC3809 uses a constant frequency, current mode
architecture. During normal operation, the top external
P-channel power MOSFET is turned on when the clock
sets the RS latch, and is turned off when the current
comparator (ICMP) resets the latch. The peak inductor
current at which ICMP resets the RS latch is determined
by the voltage on the ITH pin, which is driven by the output
of the error amplifier (EAMP). The VFB pin receives the
output voltage feedback signal from an external resistor
divider. This feedback signal is compared to the internal
0.6V reference voltage by the EAMP. When the load cur-
rent increases, it causes a slight decrease in VFB relative
to the 0.6V reference, which in turn causes the ITH voltage
to increase until the average inductor current matches the
new load current. While the top P-channel MOSFET is off,
the bottom N-channel MOSFET is turned on until either
the inductor current starts to reverse, as indicated by the
current reversal comparator IRCMP, or the beginning of
the next cycle.
Shutdown and Soft-Start (RUN Pin)
The LTC3809 is shut down by pulling the RUN pin low.
In shutdown, all controller functions are disabled and the
chip draws only 9μA. The TG output is held high (off) and
the BG output low (off) in shutdown. Releasing the RUN
pin allows an internal 0.7μA current source to pull up the
RUN pin to VIN. The controller is enabled when the RUN
pin reaches 1.1V.
The start-up of VOUT is controlled by the LTC3809’s inter-
nal soft-start. During soft-start, the error amplifier EAMP
compares the feedback signal VFB to the internal soft-start
ramp (instead of the 0.6V reference), which rises linearly
from 0V to 0.6V in about 1ms. This allows the output
voltage to rise smoothly from 0V to its final value while
maintaining control of the inductor current.
Light Load Operation (Burst Mode Operation,
Continuous Conduction or Pulse-Skipping Mode)
(SYNC/MODE Pin)
The LTC3809 can be programmed for either high efficiency
Burst Mode operation, forced continuous conduction
mode or pulse-skipping mode at low load currents. To
select Burst Mode operation, tie the SYNC/MODE pin
to VIN. To select forced continuous operation, tie the
SYNC/MODE pin to a DC voltage below 0.4V (e.g., GND).
Tying the SYNC/MODE to a DC voltage above 0.4V and
below 1.2V (e.g., VFB) enables pulse-skipping mode. The
0.4V threshold between forced continuous operation and
pulse-skipping mode can be used in secondary winding
regulation as described in the Auxiliary Winding Control
Using SYNC/MODE Pin discussion in the Applications
Information section.
When the LTC3809 is in Burst Mode operation, the peak
current in the inductor is set to approximately one-fourth
of the maximum sense voltage even though the voltage on
the ITH pin indicates a lower value. If the average inductor
current is higher than the load current, the EAMP will
decrease the voltage on the ITH pin. When the ITH voltage
drops below 0.85V, the internal SLEEP signal goes high
and the external MOSFET is turned off.
In sleep mode, much of the internal circuitry is turned off,
reducing the quiescent current that the LTC3809 draws.
The load current is supplied by the output capacitor. As
the output voltage decreases, the EAMP increases the
ITH voltage. When the ITH voltage reaches 0.925V, the
SLEEP signal goes low and the controller resumes normal
operation by turning on the external P-channel MOSFET
on the next cycle of the internal oscillator.
When the controller is enabled for Burst Mode or pulse-
skipping operation, the inductor current is not allowed to
reverse. Hence, the controller operates discontinuously.


Similar Part No. - LTC3809_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
More results

Similar Description - LTC3809_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC1700 LINER-LTC1700_15 Datasheet
206Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC1700 LINER-LTC1700 Datasheet
194Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3713 LINER-LTC3713 Datasheet
325Kb / 24P
   Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
LTC3713 LINER-LTC3713_15 Datasheet
290Kb / 24P
   Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com