Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB204 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # RB204
Description  2.0/3.0A RB SERIES SIP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RB204 Datasheet(HTML) 1 Page - Leshan Radio Company

  RB204 Datasheet HTML 1Page - Leshan Radio Company RB204 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
5C–1/2
2.0/3.0A RB
SIP
2.0/3.0A RB SERIES SIP BRIDGE RECTIFIERS
RB201 – RB209
RB201S – RB209S
RB304S – RB309S
TYPE
PRV
V PK
Maximum
Average
Forward
Output
Current
@TA=60°C
Maximum
Forward Peak
Surge Current
@ 8.3ms
Superimposed
Maximum DC
Forward Voltage
drop per element
I O
A AV
IFM(Surge)
A PK
IR
25°CTA
125°CTA
µADC
µADC
T
J
°C
Package
Dimensions
Maximum DC
Reverse Current
at rated DC
Blocking Voltage
per element
Operating
Junction
Temperature
VF
VPK
Maximum
Peak
Reverse
Voltage
RB201
RB202
RB204
RB206
RB208
RB209
100
200
400
600
800
1000
RB SERIES
RB201S
RB202S
RB204S
RB206S
RB208S
RB209S
2.0
80
10
500
125
1.0
at I F =2.0ADC
φ .122(3.10)
φ .114(2.90)
.720(18.3)
.697(17.7)
.031(0.8)
.047(1.2)
6
3
3
RB SERIES
.022(0.55)
.018(0.45)
.049(1.20)
.031(0.80)
.031(0.80)
.030(0.76)
.205(5.20)
.189(4.50)
6
RB
S
RB
.244(6.2)
.226(5.9)
.122(3.1)
.114(2.9)
.268(6.8)
.283(7.2)
.590(15.0)
Pinout:
3.0
80
10
500
125
1.0
at I F =3.0ADC
400
600
800
1000
RB304S
RB306S
RB308S
RB309S


Similar Part No. - RB204

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB204 WTE-RB204 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
RB204 WTE-RB204 Datasheet
58Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
RB204 PANJIT-RB204 Datasheet
72Kb / 2P
   2.0 A SILICON BRIDGE RECTIFIERS
More results

Similar Description - RB204

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RB150 LRC-RB150 Datasheet
53Kb / 2P
   1.5A RB SERIES SIP BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
BR305 SEMTECH_ELEC-BR305 Datasheet
257Kb / 2P
   3.0A BRIDGE RECTIFIERS
logo
Leshan Radio Company
BR305 LRC-BR305 Datasheet
48Kb / 2P
   3.0A BRIDGE RECTIFIERS
D8SB10 LRC-D8SB10 Datasheet
61Kb / 2P
   84(SIP) BRIDGE RECTIFIERS
D15SB10 LRC-D15SB10 Datasheet
62Kb / 2P
   15A(SIP) BRIDGE RECTIFIERS
D10SB10 LRC-D10SB10 Datasheet
60Kb / 2P
   10A(SIP) BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M_00 Datasheet
87Kb / 4P
   2.0 Ampere Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   2.0 Ampere Bridge Rectifiers
logo
PHOENIX CONTACT
3047072 PHOENIX-3047072 Datasheet
58Kb / 3P
   Reducing bridge - RB 16-6
09/11/2020
logo
SeCoS Halbleitertechnol...
EBSA201 SECOS-EBSA201_15 Datasheet
206Kb / 2P
   2.0 Amp Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com