Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6248 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6248
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6248 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6248_15 Datasheet HTML 4Page - Linear Technology LTC6248_15 Datasheet HTML 5Page - Linear Technology LTC6248_15 Datasheet HTML 6Page - Linear Technology LTC6248_15 Datasheet HTML 7Page - Linear Technology LTC6248_15 Datasheet HTML 8Page - Linear Technology LTC6248_15 Datasheet HTML 9Page - Linear Technology LTC6248_15 Datasheet HTML 10Page - Linear Technology LTC6248_15 Datasheet HTML 11Page - Linear Technology LTC6248_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
Typical perForMance characTerisTics
Offset Voltage vs Output Current
Warm-Up Drift vs Time
Input Bias Current
vs Common Mode Voltage
Offset Voltage
vs Input Common Mode Voltage
VOS vs Temperature
(MS10, PNP Stage)
VOS Distribution, VCM = V+ – 0.5V
(TSOT-23, NPN Stage)
VOS vs Temperature
(MS10, NPN Stage)
VOS vs Temperature
(MS10, PNP Stage)
VOS vs Temperature
(MS10, NPN Stage)
INPUT COMMON MODE VOLTAGE (V)
0
500
400
100
200
–300
300
0
–100
–200
–400
–500
1.5
3.5
1
2.5
4.5
624678 G09
5
3
0.5
2
4
–55°C
VS = 5V, 0V
125°C
25°C
OUTPUT CURRENT (mA)
–100
2.0
1.5
0.5
–1.0
1.0
0
–0.5
–1.5
–2.0
–75
25
–25
75
624678 G10
100
0
–50
50
25°C
125°C
–55°C
VS = ±2.5V
TIME AFTER POWER-UP (s)
0
5
0
–10
–25
–5
–15
–20
–30
–35
20
100
60
140
624678 G11
160
80
40
120
VS = ±2.5V
TA = 25°C
COMMON MODE VOLTAGE (V)
0
800
600
200
–200
–600
–1200
400
0
–400
–800
–1000
–1400
–1600
1.5
3.5
1
2.5
4.5
624678 G12
5
3
0.5
2
4
25°C
125°C
–55°C
VS = 5V, 0V
INPUT OFFSET VOLTAGE (µV)
18
12
14
10
4
16
8
6
2
0
–1200
624678 G04
400
1200
–400
2000
–2000
VS = 5V, 0V
VCM = 4.5V
TEMPERATURE (°C)
500
200
300
100
–200
400
0
–100
–300
–400
–15
–35
624678 G05
5
25
65 85 105 125
–55
VS = 5V, 0V
VCM = 2.5V
6 DEVICES
45
TEMPERATURE (°C)
2500
1000
1500
500
–1000
2000
0
–500
–1500
–2000
–2500
–15
–35
624678 G06
5
25
65 85 105 125
–55
VS = 5V, 0V
VCM = 4.5V
6 DEVICES
45
TEMPERATURE (°C)
1200
1000
800
600
400
200
0
–15
–35
624678 G07
5
25
65 85 105 125
–55
VS = 2.7V, 0V
VCM = 1.35V
6 DEVICES
45
TEMPERATURE (°C)
2500
2000
1500
1000
500
0
–1500
–1000
–500
–2000
–15
–35
624678 G08
5
25
65 85 105 125
–55
VS = 2.7V, 0V
VCM = 2.2V
6 DEVICES
45


Similar Part No. - LTC6248_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6248 LINER-LTC6248 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC6248 LINER-LTC6248 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC6248 LINER-LTC6248 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LTC6248 LINER-LTC6248 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
More results

Similar Description - LTC6248_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6252 LINER-LTC6252_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6254 LINER-LTC6254_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com