Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC1030UFDB-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMC1030UFDB-13
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC1030UFDB-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMC1030UFDB-13 Datasheet HTML 1Page - Diodes Incorporated DMC1030UFDB-13 Datasheet HTML 2Page - Diodes Incorporated DMC1030UFDB-13 Datasheet HTML 3Page - Diodes Incorporated DMC1030UFDB-13 Datasheet HTML 4Page - Diodes Incorporated DMC1030UFDB-13 Datasheet HTML 5Page - Diodes Incorporated DMC1030UFDB-13 Datasheet HTML 6Page - Diodes Incorporated DMC1030UFDB-13 Datasheet HTML 7Page - Diodes Incorporated DMC1030UFDB-13 Datasheet HTML 8Page - Diodes Incorporated DMC1030UFDB-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DMC1030UFDB
Document number: DS36933 Rev.1 - 2
5 of 9
www.diodes.com
April 2014
© Diodes Incorporated
DMC1030UFDB
Electrical Characteristics Q2 P-CHANNEL (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-12
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-1.0
μA
VDS = -12V, VGS = 0V
Gate-Source Leakage
IGSS
±10
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-0.4
-1
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
37
59
mΩ
VGS = -4.5V, ID = -3.6A
48
81
VGS = -2.5V, ID = -3.1A
69
115
VGS = -1.8V, ID = -2.6A
88
215
VGS = -1.5V, ID = -0.5A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -3.7A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
1028
pF
VDS = -6V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
285
pF
Reverse Transfer Capacitance
Crss
254
pF
Gate Resistance
Rg
19.6
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
13
nC
VDS = -10V, ID = -4.7A
Total Gate Charge (VGS = -8V)
20.8
nC
Gate-Source Charge
Qgs
1.8
nC
Gate-Drain Charge
Qgd
4.5
nC
Turn-On Delay Time
tD(on)
5.6
ns
VDD = -6V, VGS = -4.5V,
RL = 1.6Ω, RG = 1Ω
Turn-On Rise Time
tr
12.8
ns
Turn-Off Delay Time
tD(off)
30.7
ns
Turn-Off Fall Time
tf
25.4
ns
Body Diode Reverse Recovery Time
trr
31.6
nS
IS = -3.6A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
7.8
nC
IS = -3.6A, dI/dt = 100A/μs
Notes:
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to product testing.
-V , DRAIN -SOURCE VOLTAGE (V)
Figure 12 Typical Output Characteristics
DS
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
V
= -0.9V
GS
V
= -1.0V
GS
V
= -3.5V
GS
V
= -4.5V
GS
V
= -4.0V
GS
V
= -1.5V
GS
V
= -1.8V
GS
V
= -2.0V
GS
V
= -3.0V
GS
-V , GATE-SOURCE VOLTAGE (V)
GS
Figure 13 Typical Transfer Characteristics
0
2
4
6
8
10
12
14
16
18
20
00.5
11.5
2
2.5
3
T = 150 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -55 C
A
°
V
= -5.0V
DS


Similar Part No. - DMC1030UFDB-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1030UFDB-13 DIODES-DMC1030UFDB-13 Datasheet
692Kb / 11P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results

Similar Description - DMC1030UFDB-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com