Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC2041UFDB Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMC2041UFDB
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2041UFDB Datasheet(HTML) 5 Page - Diodes Incorporated

  DMC2041UFDB_15 Datasheet HTML 1Page - Diodes Incorporated DMC2041UFDB_15 Datasheet HTML 2Page - Diodes Incorporated DMC2041UFDB_15 Datasheet HTML 3Page - Diodes Incorporated DMC2041UFDB_15 Datasheet HTML 4Page - Diodes Incorporated DMC2041UFDB_15 Datasheet HTML 5Page - Diodes Incorporated DMC2041UFDB_15 Datasheet HTML 6Page - Diodes Incorporated DMC2041UFDB_15 Datasheet HTML 7Page - Diodes Incorporated DMC2041UFDB_15 Datasheet HTML 8Page - Diodes Incorporated DMC2041UFDB_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DMC2041UFDB
Document number: DS37420 Rev. 2 - 2
5 of 9
www.diodes.com
February 2015
© Diodes Incorporated
DMC2041UFDB
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
f =1MHz
C
iss
C
oss
C
rss
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
C
iss
f = 1MHz
C
oss
C
rss
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
16
V
= 10V
I =
A
DS
D
5.5
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
R
Limited
DS(on)
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
0.01
0.1
1
10
100
0.1
1
10
100
T
= 150°C
T = 25°C
V
= 4.5V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 13 Typical Output Characteristics
DS
0.0
3.0
6.0
9.0
12.0
15.0
0
1
2
3
4
5
V
= -1.5V
GS
V
= -1.8V
GS
V
= -3.0V
GS
V
= -4.5V
GS
V
= -8.0V
GS
V
= -2.0V
GS
V
= -2.5V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure14 Typical Transfer Characteristics
0
3
6
9
12
15
0
0.5
1
1.5
2
2.5
3
V
= -5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A


Similar Part No. - DMC2041UFDB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2041UFDB-13 DIODES-DMC2041UFDB-13 Datasheet
659Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results

Similar Description - DMC2041UFDB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com