Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMG4511SK4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG4511SK4
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG4511SK4 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG4511SK4_15 Datasheet HTML 1Page - Diodes Incorporated DMG4511SK4_15 Datasheet HTML 2Page - Diodes Incorporated DMG4511SK4_15 Datasheet HTML 3Page - Diodes Incorporated DMG4511SK4_15 Datasheet HTML 4Page - Diodes Incorporated DMG4511SK4_15 Datasheet HTML 5Page - Diodes Incorporated DMG4511SK4_15 Datasheet HTML 6Page - Diodes Incorporated DMG4511SK4_15 Datasheet HTML 7Page - Diodes Incorporated DMG4511SK4_15 Datasheet HTML 8Page - Diodes Incorporated DMG4511SK4_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMG4511SK4
Document number: DS32042 Rev. 4 - 2
2 of 9
www.diodes.com
July 2011
© Diodes Incorporated
DMG4511SK4
Maximum Ratings – N-CHANNEL, Q1 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
35
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 4) VGS = 10V
Steady
State
TA = 25°C
TA = 70°C
ID
5.3
4.2
A
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = 25°C
TA = 70°C
ID
8.6
6.8
A
Continuous Drain Current (Note 5) VGS = 10V
t
≤ 10s
TA = 25°C
TA = 70°C
ID
13
11
A
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = 25°C
TA = 70°C
ID
6.3
5.0
A
Continuous Drain Current (Note 5) VGS = 4.5V
t
≤ 10s
TA = 25°C
TA = 70°C
ID
9.3
7.4
A
Pulsed Drain Current (Note 6)
IDM
50
A
Maximum Ratings – P-CHANNEL, Q2 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-35
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 4) VGS = -10V
Steady
State
TA = 25°C
TA = 70°C
ID
-5.0
-3.8
A
Continuous Drain Current (Note 5) VGS = -10V
Steady
State
TA = 25°C
TA = 70°C
ID
-7.8
-6.2
A
Continuous Drain Current (Note 5) VGS = -10V
t
≤ 10s
TA = 25°C
TA = 70°C
ID
-12
-10
A
Continuous Drain Current (Note 5) VGS = -4.5V
Steady
State
TA = 25°C
TA = 70°C
ID
-6.5
-5.2
A
Continuous Drain Current (Note 5) VGS = -4.5V
t
≤ 10s
TA = 25°C
TA = 70°C
ID
-9.6
-7.7
A
Pulsed Drain Current (Note 6)
IDM
-50
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
1.54
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 4)
RθJA
81.3
°C/W
Power Dissipation (Note 5)
PD
4.1
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 5)
RθJA
30.8
°C/W
Power Dissipation (Note 5) t
≤ 10s
PD
8.9
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 5) t ≤ 10s
RθJA
14
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. Device mounted on FR-4 PCB with minimum recommended pad layout, single sided.
5. Device mounted on 2” x 2” FR-4 PCB with high coverage 2 oz. Copper, single sided.
6. Repetitive rating, pulse width limited by junction temperature.


Similar Part No. - DMG4511SK4_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG4511SK4-7 DIODES-DMG4511SK4-7 Datasheet
202Kb / 10P
   This new generation MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
More results

Similar Description - DMG4511SK4_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com