Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6295 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N6295
Description  COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N6295 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N6295 Datasheet HTML 1Page - Central Semiconductor Corp 2N6295 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N6294
2N6295
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N6296
2N6297
UNITS
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
4.0
A
Peak Collector Current
ICM
8.0
A
Continuous Base Current
IB
80
mA
Power Dissipation
PD
50
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
3.5
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEV
VCE=Rated VCEO, VEB=1.5V
0.5
mA
ICEV
VCE=Rated VCEO, VEB=1.5V, TC=150°C
5.0
mA
ICEO
VCE=½Rated VCEO
0.5
mA
IEBO
VEB=5.0V
2.0
mA
BVCEO
IC=50mA, (2N6294, 2N6296)
60
V
BVCEO
IC=50mA, (2N6295, 2N6297)
80
V
VCE(SAT)
IC=2.0A, IB=8.0mA
2.0
V
VCE(SAT)
IC=4.0A, IB=40mA
3.0
V
VBE(SAT)
IC=4.0A, IB=40mA
4.0
V
VBE(ON)
VCE=3.0V, IC=2.0A
2.8
V
hFE
VCE=3.0V, IC=2.0A
750
18K
hFE
VCE=3.0V, IC=4.0A
100
hfe
VCE=3.0V, IC=1.5A, f=1.0kHz
300
fT
VCE=3.0V, IC=1.5A, f=1.0MHz
4.0
MHz
Cob
VCB=10V, IE=0, f=100kHz (NPN types)
120
pF
Cob
VCB=10V, IE=0, f=100kHz (PNP types)
200
pF
2N6294 2N6295
NPN
2N6296 2N6297
PNP
COMPLEMENTARY SILICON
DARLINGTON POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N6294, 2N6296
series devices are complementary silicon Darlington
power transistors, manufactured by the epitaxial base
process, designed for high gain amplifier and medium
speed switching applications.
MARKING: FULL PART NUMBER
TO-66 CASE
R2 (2-September 2014)
www.centr a lsemi.com


Similar Part No. - 2N6295

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6295 SEME-LAB-2N6295 Datasheet
15Kb / 2P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
2N6295 CENTRAL-2N6295 Datasheet
66Kb / 1P
   COMPLEMENTARY SILICON DARLINGTONl
2N6295 CENTRAL-2N6295 Datasheet
51Kb / 1P
   Power Transistors
logo
Savantic, Inc.
2N6295 SAVANTIC-2N6295 Datasheet
211Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6295 JMNIC-2N6295 Datasheet
127Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N6295

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com