Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS15 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SS15
Description  1A SCHOTTKY SMA DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SS15 Datasheet(HTML) 1 Page - Leshan Radio Company

  SS15 Datasheet HTML 1Page - Leshan Radio Company SS15 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
52A–1/2
1A
1A SCHOTTKY SMA DIODES
TYPE
V
RRM(V)
I
F (A)
V
F(V)
I
RMI(µA)
I
P8M(A)
T
rr(ns)
Marking
Package
Dimensions
SS12 – SS16
DO – 214AC
.008
MAX
(.2)
.051(1.3)
.008(0.2)
.059(1.5)
.035(0.9)
.209(5.3)
.185(4.7)
.059(1.5)
.035(0.9)
.110(2.8)
.086(2.2)
A
B
C
D
E
F
G
H
GH
DE
F
AB
C
.067(1.7)
.051(1.3)
.091(2.3)
.067(1.7)
DO – 214AC
1.0
0.50
0.50
0.50
0.70
0.70
30
SS12
SS13
SS14
SS15
SS16
S12
S13
S14
S15
S16
20
30
40
50
60
1000


Similar Part No. - SS15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS15 VISHAY-SS15 Datasheet
81Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 18-Apr-11
logo
Pan Jit International I...
SS15 PANJIT-SS15 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS15 DGNJDZ-SS15 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SS15 JUXING-SS15 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
logo
Taiwan Semiconductor Co...
SS15 TSC-SS15 Datasheet
59Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
EFM101 LRC-EFM101 Datasheet
57Kb / 2P
   1A FAST RECOVERY SMA DIODES
FFM101 LRC-FFM101 Datasheet
53Kb / 2P
   1A FAST RECOVERY SMA DIODES
FM401 LRC-FM401 Datasheet
52Kb / 2P
   1A GLASS PASSIVATED SMA DIODES
FM4933 LRC-FM4933 Datasheet
58Kb / 2P
   1A FAST RECOVERY SMA DIODES
1N4001 LRC-1N4001 Datasheet
48Kb / 2P
   1A GENERAL DIODES
logo
Guangdong Kexin Industr...
1N4001 KEXIN-1N4001 Datasheet
37Kb / 1P
   1A Rectifier Diodes
logo
Leshan Radio Company
1A1 LRC-1A1 Datasheet
47Kb / 2P
   1A GENERAL DIODES
1N4001E LRC-1N4001E Datasheet
48Kb / 2P
   1A GENERAL DIODES
logo
Diodes Incorporated
SDM160S1FQ DIODES-SDM160S1FQ Datasheet
285Kb / 5P
   1A SCHOTTKY
logo
Leshan Radio Company
1F1 LRC-1F1 Datasheet
51Kb / 2P
   1A FAST RECOVERY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com