Selected language     English  ▼


W01 Datasheet(PDF) 1 Page - Leshan Radio Company

Part No. W01
Description  1.5A WOM BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

   
 1 page
background image
LESHAN RADIO COMPANY, LTD.
2C–1/2
1.5A WOM
1.5A WOM BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or
inductive load. For capacitive load,derate current by 20%.
W005 – W10
TYPE
Maximum
Average
Forward
Output
Current
@TA=40°C
Maximum
Forward Peak
Surge Current
@ 8.3ms
Superimposed
Maximum DC
Forward Voltage
drop per element
at IF =1.0ADC
I O
A AV
IFM(Surge)
A PK
IR
25°CTA
125°CTA
µADC
µADC
T
J
°C
Package
Dimensions
Maximum DC
Reverse Current
at rated DC
Blocking Voltage
per element
Operating
Junction
Temperature
VF
VPK
Maximum
Peak
Reverse
Voltage
50
100
200
400
600
800
1000
W005
W01
W02
W04
W06
W08
W10
1.5
50
10
500
125
1.1
WOM RC – 2
A
1.2
(30.5)
MIN
1.0
(25.4)
MIN
.032(0.8)
.028(0.7)
POS.
LEAD
WOM RC – 2
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
A
.217(5.5)
.197(5.0)
.290(7.4)
.270(6.9)
B
.360(9.1)
.340(8.6)
.394(10.0)
.374(9.5)
WOM
RC-2
WOM
RC-2
φ B




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2W0052.0A WOM BRIDGE RECTIFIERS 1 2 Leshan Radio Company
RB1501.5A RB SERIES SIP BRIDGE RECTIFIERS 1 2 Leshan Radio Company
DF15005M1.5A GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 Diodes Incorporated
D1FS4ASchottky Rectifiers SBD 40V 1.5A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
CM1000HIGH CURRENT SILICON BRIDGE RECTIFIERS 1 2 Transys Electronics
KBU8A8.0 Ampere Silicon Bridge Rectifiers 1 2 3 Fairchild Semiconductor
DB101SSINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS 1 2 Bytes
RS801MSINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS 1 2 Bytes
B40-1500RSILICON BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
FBR1000FAST RECOVERY BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl