Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMD17K60 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # PMD17K60
Description  COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

PMD17K60 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  PMD17K60 Datasheet HTML 1Page - Central Semiconductor Corp PMD17K60 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMD16K60
PMD16K80
PMD16K100
MAXIMUM RATINGS: (TC=25°C)
SYMBOL PMD17K60
PMD17K80
PMD17K100 UNITS
Collector-Base Voltage
VCBO
60
80
100
V
Collector-Emitter Voltage
VCEO
60
80
100
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
20
A
Peak Collector Current
ICM
40
A
Continuous Base Current
IB
500
mA
Power Dissipation
PD
200
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
0.875
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICER
VCE=Rated VCEO, RBE=1.0kΩ
1.0
mA
ICER
VCE=Rated VCEO, RBE=1.0kΩ, TC=150°C
5.0
mA
IEBO
VEB=5.0V
2.0
mA
BVCEO
IC=100mA (PMD16K60, 17K60)
60
V
BVCEO
IC=100mA (PMD16K80, 17K80)
80
V
BVCEO
IC=100mA (PMD16K100, 17K100)
100
V
VCE(SAT) IC=10A, IB=40mA
2.0
V
VBE(SAT) IC=10A, IB=40mA
2.8
V
VBE(ON)
VCE=3.0V, IC=10A
2.8
V
hFE
VCE=3.0V, IC=10A (PMD16K series)
1.0K
20K
hFE
VCE=3.0V, IC=10A (PMD17K series)
800
20K
hfe
VCE=3.0V, IC=7.0A, f=1.0kHz
300
fT
VCE=3.0V, IC=7.0A, f=1.0MHz
4.0
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
400
pF
PMD16K SERIES
NPN
PMD17K SERIES
PNP
COMPLEMENTARY SILICON
DARLINGTON POWER
TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR PMD16K, PMD17K
series types are complementary silicon Darlington power
transistors, manufactured by the epitaxial base process,
mounted in a hermetically sealed metal package, and
designed for power switching applications.
MARKING: FULL PART NUMBER
TO-3 CASE
R1 (26-November 2012)
www.centr a lsemi.com


Similar Part No. - PMD17K60

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PMD17K60 CENTRAL-PMD17K60 Datasheet
54Kb / 1P
   SILICON POWER DARLINGTON TRANSISTORS
PMD17K60 CENTRAL-PMD17K60 Datasheet
54Kb / 1P
   Power Transistors
logo
Inchange Semiconductor ...
PMD17K60 ISC-PMD17K60 Datasheet
215Kb / 2P
   isc Silicon PNP Darlingtion Power Transistor
More results

Similar Description - PMD17K60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com