Electronic Components Datasheet Search
Selected language     English  ▼


W01M Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part No. W01M
Description  Single Phase Silicon Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GENESIC [GeneSiC Semiconductor, Inc.]
Homepage  http://www.genesicsemi.com/
Logo 

   
 1 page
background image
VRRM = 50 V - 400 V
IO = 1.5 A
Features
• Ideal for printed circuit board
• Low forward voltage drop
WOM Package
• Low leakage current
• Not ESD Sensitive
Mechanical Data
Case: Molded plastic body
Polarity: Color band on body denotes cathode end
Weight: 1.07 grams
W005M thru W04M
Maximum ratings at Tc = 25 °C, unless otherwise specified
Mounting position: Any
Single Phase Silicon
Bridge Rectifier
• Types from 50 V up to 400 V VRRM
Terminals: Plated leads, solderable per MIL-STD-202
Method 208 guaranteed
Parameter
Symbol
W005M
W01M
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-65 to 125
-65 to 125
°C
Storage temperature
Tstg
-65 to 150
-65 to 150
°C
Parameter
Symbol
W005M
W01M
Unit
Maximum average forward
rectified current
IO
1.5
1.5
A
Peak forward surge current
IFSM
50
50
A
Maximum instantaneous
forward voltage drop per bridge
element
1.0
1.0
10
10
500
500
μA
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
Ta = 25 °C
IF = 1.0 A
Conditions
W04M
200
140
W02M
-65 to 150
Maximum DC reverse current at
rated DC blocking voltage
IR
Ta = 100 °C
1.0
1.0
500
500
VF
-65 to 125
-65 to 125
Conditions
400
280
400
200
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Ta = 50 °C
1.5
1.5
tp = 8.3 ms, half sine
50
50
-65 to 150
W04M
10
10
W02M
www.genesicsemi.com/silicon-products/bridge-rectifiers/
1




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl