Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED670-66-60 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED670-66-60
Description  High Power LED Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED670-66-60 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED670-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED670-66-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25.04.2012
LED670-66-60
2 of 2
Precaution for Use
1.
Cautions
This high power LED must be cooled!
DO NOT look directly into the emitting area of the LED during operation!
2.
Soldering Conditions
DO NOT apply any stress to the lead particularly when heat.
After soldering the LEDs should be protected from mechanical shock or vibration until the LEDs return
to room temperature.
When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the
mechanical stress on the LEDs.
3.
Static Electricity
The LEDs are very sensitive to Static Electricity and surge
voltage. So it is recommended that a wrist band and/or an anti-
electrostatic glove be used when handling the LEDs.
All devices, equipment and machinery must be grounded properly.
It is recommended that precautions should be taken against surge
voltage to the equipment that mounts the LEDs.
4.
Heat Generation
Thermal design of the end product is of paramount importance. Please consider the heat generation of
the LED when making the system design. The coefficient of temperature increase per input electric
power is affected by the thermal resistance of the circuit board and density of LED placement on the
board, as well as other components. It is necessary to avoid intense heat generation and operate
within the maximum ratings given in the specification.
The operating current should be decided after considering the ambient maximum temperature of
LEDs.
5.
Storage
The LEDs should be stored at 30°C or less and 60%RH or less after being shipped and the storage
life limits are 3 months. If the LEDs are stored for 3 months or more, they can be stored for a year in a
sealed container with nitrogen atmosphere and moisture absorbent material.
Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.


Similar Part No. - LED670-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED600-03 ROITHNER-LED600-03 Datasheet
505Kb / 3P
   orange light emitting diode
logo
STMicroelectronics
LED6000 STMICROELECTRONICS-LED6000 Datasheet
2Mb / 49P
   3 A, 61 V monolithic current source with dimming capability
May 2015 Rev 2
LED6000PHR STMICROELECTRONICS-LED6000PHR Datasheet
2Mb / 49P
   3 A, 61 V monolithic current source with dimming capability
May 2015 Rev 2
LED6000PHTR STMICROELECTRONICS-LED6000PHTR Datasheet
2Mb / 49P
   3 A, 61 V monolithic current source with dimming capability
May 2015 Rev 2
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
   PWM-dimmable single channel LED driver with integrated boost controlle
June 2014 Rev 3
More results

Similar Description - LED670-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED450-66-60 ROITHNER-LED450-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED590-66-60 ROITHNER-LED590-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED645-66-60 ROITHNER-LED645-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED365-66-60 ROITHNER-LED365-66-60 Datasheet
135Kb / 2P
   High Power LED Array
LED385-66-60-110 ROITHNER-LED385-66-60-110 Datasheet
123Kb / 2P
   High Power LED Array
LED47W-66-16100 ROITHNER-LED47W-66-16100 Datasheet
136Kb / 2P
   High Power LED Array
LED850-66-60 ROITHNER-LED850-66-60 Datasheet
275Kb / 3P
   High Power LED Array
LED1200-66-60 ROITHNER-LED1200-66-60 Datasheet
118Kb / 1P
   High Power LED Array
LED1300-66-60 ROITHNER-LED1300-66-60 Datasheet
137Kb / 2P
   High Power LED Array
LED505-66-60 ROITHNER-LED505-66-60 Datasheet
136Kb / 2P
   High Power LED Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com