Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMGD7N45SSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMGD7N45SSD
Description  450V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMGD7N45SSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMGD7N45SSD_15 Datasheet HTML 1Page - Diodes Incorporated DMGD7N45SSD_15 Datasheet HTML 2Page - Diodes Incorporated DMGD7N45SSD_15 Datasheet HTML 3Page - Diodes Incorporated DMGD7N45SSD_15 Datasheet HTML 4Page - Diodes Incorporated DMGD7N45SSD_15 Datasheet HTML 5Page - Diodes Incorporated DMGD7N45SSD_15 Datasheet HTML 6Page - Diodes Incorporated DMGD7N45SSD_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMGD7N45SSD
Document number: DS36011 Rev. 7 - 2
4 of 7
www.diodes.com
February 2014
© Diodes Incorporated
DMGD7N45SSD
-50 -25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
°
0
1
2
3
4
5
6
7
8
9
10
V
=20V
I= 1.0A
GS
D
V=
V
I= 0.7A
GS
D
10
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
°
2.5
3.5
4.5
I= 1mA
D
I = 250µA
D
3.0
4.0
5.0
2.0
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
0.2
0.4
0.6
0.8
1.2
1.4
1.6
1.8
0
0.3
0.6
0.9
1.2
1.5
T= 25°C
A
0
1.0
2.0
T = 150°C
A
T = 125°C
A
T =85°C
A
T = -55°C
A
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
1000
0
5
10
15
20
25
30
35
40
Ciss
Coss
Crss
100
10
1
0
f = 1MHz
Q(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
01
23
45
6
7
V
= 360V
I=
A
DS
D
0.7
V , DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
R
Limited
DS(on)
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P= 10ms
W
P = 1ms
W
10
0.1
1
10
100
1000
1
0.1
0.01
0.001
P = 100µs
W
T
= 150°C
T = 25°C
J(max)
A
V
= 10V
Single Pulse
GS
DUT on 1 * MRP FR-4 Board


Similar Part No. - DMGD7N45SSD_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMGD7N45SSD-13 DIODES-DMGD7N45SSD-13 Datasheet
311Kb / 7P
   Low Input Capacitance
More results

Similar Description - DMGD7N45SSD_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN0545G4 ZETEX-ZXMN0545G4 Datasheet
212Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4_15 Datasheet
517Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN0545G4 DIODES-ZXMN0545G4 Datasheet
219Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H4D9HJ3 DIODES-DMP45H4D9HJ3 Datasheet
462Kb / 7P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H4D9HK3 DIODES-DMP45H4D9HK3 Datasheet
395Kb / 7P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H21DHE DIODES-DMP45H21DHE Datasheet
609Kb / 7P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP45H150DHE DIODES-DMP45H150DHE Datasheet
529Kb / 6P
   450V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
   450V N-Channel MOSFET
FQP6N45 FAIRCHILD-FQP6N45 Datasheet
571Kb / 8P
   450V N-Channel MOSFET
SSM1N45B FAIRCHILD-SSM1N45B Datasheet
639Kb / 8P
   450V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com