Electronic Components Datasheet Search |
|
532-102-6307 Datasheet(PDF) 2 Page - Marl International Limited |
|
532-102-6307 Datasheet(HTML) 2 Page - Marl International Limited |
2 / 4 page technical data Dimensions in mm (typical) Not to scale technical characteristics Series Max. Power Dissipation Max. Reverse Voltage Panel Cutout Nut Mounting Torque Min. Mounting Centres Max. Panel Thickness units mW Vdc mm Nm mm mm to order * = Current version ^ = Voltage version BS EN ISO 9001:2008 approved manufacturer 532 series 8.50 23 5 12.70 +0.1 0 8.50 23 6 20mA to 48Vac/dc All other voltages Mounting Hole Mounting hole to be clean and burr free. housing material Body Nut Panel Seal push on connectors Header Termination Lens Encapsulation Lock Washer 925-000-00 is brass tin plated - for use with 532 series lamps Dimensions in mm (typical). Not to scale. Stainless Steel Grade 303 Stainless Steel Grade 303 Viton Copper with Silver flash finish Polycarbonate PC5430 Resin Stainless Steel Nylon 6 A82 532 825 N/A 12.7 1.0 19.5 1.5 - 8.0 to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk © marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 532 - version 2013-07-12-095234 page 2 of 4 |
Similar Part No. - 532-102-6307_15 |
|
Similar Description - 532-102-6307_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |