Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN10H120SFG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN10H120SFG
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H120SFG Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN10H120SFG_15 Datasheet HTML 1Page - Diodes Incorporated DMN10H120SFG_15 Datasheet HTML 2Page - Diodes Incorporated DMN10H120SFG_15 Datasheet HTML 3Page - Diodes Incorporated DMN10H120SFG_15 Datasheet HTML 4Page - Diodes Incorporated DMN10H120SFG_15 Datasheet HTML 5Page - Diodes Incorporated DMN10H120SFG_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN10H120SFG
100V N-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
100V
110m
Ω @ VGS = 10V
3.8 A
122m
Ω @ VGS = 6.0V
3.6 A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(on)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
Power Management Functions
DC-DC Converters
Features and Benefits
Low RDS(ON) – ensures on state losses are minimized
Small form factor thermally efficient package enables higher
density end products
Occupies just 33% of the board area occupied by SO-8 enabling
smaller end product
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI3333-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See diagram
Terminals: Finish
 Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.008 grams (approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DMN10H120SFG-7
Standard
POWERDI3333-8
2000/Tape & Reel
DMN10H120SFG-13
Standard
POWERDI3333-8
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
S
S
S
G
D
D
D
D
Pin 1
Top View
N10 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last digit of year (ex: 13 = 2013)
WW = Week code (01 ~ 53)
POWERDI3333-8
1
2
3
4
8
7
6
5
Top View
Internal Schematic
N10
POWERDI is a registered trademark of Diodes Incorporated
DMN10H120SFG
Document number: DS36250 Rev. 2 - 2
1 of 6
www.diodes.com
August 2014
© Diodes Incorporated


Similar Part No. - DMN10H120SFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN10H120SFG-13 DIODES-DMN10H120SFG-13 Datasheet
247Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMN10H120SFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN10H099SFG DIODES-DMN10H099SFG_15 Datasheet
265Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3030LFG DIODES-DMN3030LFG_15 Datasheet
278Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3029LFG DIODES-DMN3029LFG_15 Datasheet
201Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H170SFG DIODES-DMN10H170SFG_15 Datasheet
301Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7410SFG DIODES-DMG7410SFG_15 Datasheet
204Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFG DIODES-DMG7430LFG_15 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMT6016LPS DIODES-DMT6016LPS_15 Datasheet
645Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com