Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED690-66-60 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED690-66-60
Description  High Power LED Array
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED690-66-60 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED690-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
07.04.2011
LED690-66-60
1 of 1
LED690-66-60
TECHNICAL DATA
High Power LED Array, 60 chips
GaAs
LED690-66-60 is a wide viewing and extremely high output power illuminator assembled with a
total of 60 high efficiency AlGaAs diode chips, mounted on a metal stem TO-66 with AIN ceramics
and covered with double coated clear silicone and epoxy resin.
These devices are designed for high current operation with proper heat sinking to improver thermal
conductive efficiency.
Specifications
• Structure: GaAs, 60 LED chips
• Peak Wavelength: typ. 690 nm
• Optical Output Power: typ. 300 mW
• Package: TO-66 stem with AIN,
clear silicone and epoxy resin
Absolute Maximum Ratings (TC=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
4.0
W
Forward Current
IF
400
mA
Pulsed Forward current *
2
IFP
2000
mA
Reverse Voltage
VR
50
V
Operating Temperature
Topr
-30 … +80
°C
Storage Temperature
Tstg
-30 … +110
°C
Soldering Temperature *
Tsol
240
°C
* must be completed within 3 seconds
*
2 max puls width 1µs and max duty cycle 1%
(Unit: mm)
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Total Radiated Power
PO
IF = 600 mA
-
300
-
mW
Forward Voltage
VF
IF = 600 mA
-
9.8
-
V
Reverse Voltage
VR
IR = 10 µA
50
-
-
V
Peak Wavelength
λ
P
IF = 600 mA
670
690
710
nm
Half Width
Δλ
IF = 600 mA
-
20
-
nm
Viewing Half Angle
Θ
1/2
IF = 600 mA
-
±60
-
deg.
Heat Sink is required, thermal resistance <8K/W
Notes
• This high power LED must be cooled!
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - LED690-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED690-03AU ROITHNER-LED690-03AU Datasheet
422Kb / 5P
   Infrared LED
More results

Similar Description - LED690-66-60

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED670-66-60 ROITHNER-LED670-66-60 Datasheet
135Kb / 2P
   High Power LED Array
LED450-66-60 ROITHNER-LED450-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED590-66-60 ROITHNER-LED590-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED645-66-60 ROITHNER-LED645-66-60 Datasheet
136Kb / 2P
   High Power LED Array
LED365-66-60 ROITHNER-LED365-66-60 Datasheet
135Kb / 2P
   High Power LED Array
LED385-66-60-110 ROITHNER-LED385-66-60-110 Datasheet
123Kb / 2P
   High Power LED Array
LED47W-66-16100 ROITHNER-LED47W-66-16100 Datasheet
136Kb / 2P
   High Power LED Array
LED850-66-60 ROITHNER-LED850-66-60 Datasheet
275Kb / 3P
   High Power LED Array
LED1200-66-60 ROITHNER-LED1200-66-60 Datasheet
118Kb / 1P
   High Power LED Array
LED1300-66-60 ROITHNER-LED1300-66-60 Datasheet
137Kb / 2P
   High Power LED Array
LED505-66-60 ROITHNER-LED505-66-60 Datasheet
136Kb / 2P
   High Power LED Array
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com