Electronic Components Datasheet Search |
|
LED720-66-16100 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH |
|
LED720-66-16100 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH |
|
1 / 1 page LED720-66-16100 TECHNICAL DATA SUPER HIGH POWER INFRARED LED Structure: 16 power LED chips, 4 x 4 parallel array Peak Wavelength: typ. 720 nm Optical Output Power: typ. 550 mW cw @ 1.4 A Package: TO-66 with silicone + epoxy resin Absolute Maximum Ratings (Tc = 25°C) CHARACTERISTIC SYMBOL RATING UNIT Power dissipation PD 20 W DC forward current **) IF 2.0 A Pulse forward current *) IFP - A Reverse voltage VR 5 V Operating lifetime T 50.000 h Operating case temperature TOP -30 .. +70 °C Storage temperature TSTG -60 .. +85 °C *) Pulse width ≤ 10 µs, f ≤ 500 Hz Optical-Electrical Characteristics (Tc = 25°C) CHARACTERISTIC SYMBOL TEST CONDITION MIN TYP MAX UNIT Radiant flux θ e (720 nm) IF = 1.4 A 500 550 600 mW Luminous flux θ v (720 nm) IF = 1.4 A - - - lm Luminous intensity Iv (720 nm) IF = 1.4 A - - - cd Forward voltage VF IF = 1.4 A 7.0 7.4 8.0 V Reverse current IR VR = 5 V 10 µA Peak wavelength λ P IF = 1.4 A 710 720 730 nm Spectrum half width ∆λ IF = 1.4 A 30 nm Emission angle FWHM θ ½ IF = 1.4 A ±60 ° IMPORTANT NOTE FOR SAFE OPERATION This high power LED must be cooled! **) Use a heat sink with a thermal resistance ≤8K/W. Maximum uncooled allowed operation current ≤80 mA. Do not view directly into the emitting area of the LED when in operation! ROITHNER LASERTECHNIK GmbH WIEDNER HAUPTSTRASSE 76, 1040 VIENNA, AUSTRIA TEL: +43 -1- 586 52 43-0 FAX: +43 -1- 586 52 43-44 office@roithner-laser.com www.roithner-laser.com 1 = anode 2 = cathode |
Similar Part No. - LED720-66-16100 |
|
Similar Description - LED720-66-16100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |