Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD9903 Datasheet(PDF) 11 Page - NEC

Part # UPD9903
Description  UPD9903 ANALOG SUBSCRIBER LINE LSI DIGITAL CODEC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9903 Datasheet(HTML) 11 Page - NEC

Back Button UPD9903 Datasheet HTML 7Page - NEC UPD9903 Datasheet HTML 8Page - NEC UPD9903 Datasheet HTML 9Page - NEC UPD9903 Datasheet HTML 10Page - NEC UPD9903 Datasheet HTML 11Page - NEC UPD9903 Datasheet HTML 12Page - NEC UPD9903 Datasheet HTML 13Page - NEC UPD9903 Datasheet HTML 14Page - NEC UPD9903 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
µPD9903
11
(5) ASCN and AGDT output pins
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Input bias current
IB
Input voltage: 0 to VDD
–10
+10
µA
Input resistance
RIN
1M
(6) ACOMOUT pin
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Output voltage
VACOM
I/O current: –0.1 to +0.1 mA
2380
2420
mV


Similar Part No. - UPD9903

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9930 NEC-UPD9930 Datasheet
336Kb / 78P
   LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
Renesas Technology Corp
UPD9930 RENESAS-UPD9930 Datasheet
539Kb / 80P
   MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD9930G-22 NEC-UPD9930G-22 Datasheet
336Kb / 78P
   LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
logo
Renesas Technology Corp
UPD9930G-22 RENESAS-UPD9930G-22 Datasheet
539Kb / 80P
   MOS INTEGRATED CIRCUIT
1996
UPD9971 RENESAS-UPD9971 Datasheet
892Kb / 112P
   MOS INTEGRATED CIRCUIT
2005
More results

Similar Description - UPD9903

ManufacturerPart #DatasheetDescription
logo
NEC
UPC7073 NEC-UPC7073 Datasheet
103Kb / 20P
   UPC7073 ANALOG SUBSCRIBER LINE LSI BS-SLIC
logo
List of Unclassifed Man...
CPF105C ETC1-CPF105C Datasheet
57Kb / 10P
   Asymmetric Digital Subscriber Line
logo
Siemens Semiconductor G...
PEB3065 SIEMENS-PEB3065 Datasheet
563Kb / 102P
   Signal Processing Subscriber Line Interface Codec Filter SLICOF
logo
Synaptics Incorporated.
RS8953B CONEXANT-RS8953B Datasheet
1Mb / 173P
   High-Bit-Rate Digital Subscriber Line (HDSL) channel unit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
   SUBSCRIBER LINE INTERFACE MODULE
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com