Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN10H170SFG-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN10H170SFG-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H170SFG-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN10H170SFG-13 Datasheet HTML 1Page - Diodes Incorporated DMN10H170SFG-13 Datasheet HTML 2Page - Diodes Incorporated DMN10H170SFG-13 Datasheet HTML 3Page - Diodes Incorporated DMN10H170SFG-13 Datasheet HTML 4Page - Diodes Incorporated DMN10H170SFG-13 Datasheet HTML 5Page - Diodes Incorporated DMN10H170SFG-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMN10H170SFG
Document number: DS36147 Rev. 4 - 2
3 of 6
www.diodes.com
August 2013
© Diodes Incorporated
DMN10H170SFG
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
DS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
V, GATE-SOURCE VOLTAGE
GS
Figure 2 Typical Transfer Characteristics
0
1
2
3
4
5
6
7
8
9
10
12
3
4
5
V= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0
0.05
0.1
0.15
0.2
0.25
0
1
234
5
678
V
= 4.5V
GS
V
= 10V
GS
I , DRAIN CURRENT
D
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
01
23
4
5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 10V
GS
67
8
50 -25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 5 On-Resistance Variation with Temperature
J
0
0.5
1
1.5
2
2.5
3
V= 5V
I= 5A
GS
D
V=
V
I= 10A
GS
D
10
- 50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
0
0.05
0.1
0.15
0.2
0.25
V= V
I= 5A
GS
D
5
V=
V
I= 10A
GS
D
10


Similar Part No. - DMN10H170SFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN10H170SFG-13 DIODES-DMN10H170SFG-13 Datasheet
301Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results

Similar Description - DMN10H170SFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3030LFG DIODES-DMN3030LFG_15 Datasheet
278Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3029LFG DIODES-DMN3029LFG_15 Datasheet
201Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7410SFG DIODES-DMG7410SFG_15 Datasheet
204Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFG DIODES-DMG7430LFG_15 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMT6016LPS DIODES-DMT6016LPS_15 Datasheet
645Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H120SFG DIODES-DMN10H120SFG_15 Datasheet
247Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN4008LFG DIODES-DMN4008LFG_15 Datasheet
341Kb / 6P
   40V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com