Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

651-105-21 Datasheet(PDF) 4 Page - Marl International Limited

Part # 651-105-21
Description  Colour diffused lens with a wide viewing angle
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

651-105-21 Datasheet(HTML) 4 Page - Marl International Limited

  651-105-21_15 Datasheet HTML 1Page - Marl International Limited 651-105-21_15 Datasheet HTML 2Page - Marl International Limited 651-105-21_15 Datasheet HTML 3Page - Marl International Limited 651-105-21_15 Datasheet HTML 4Page - Marl International Limited 651-105-21_15 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
also available continued
to order
BS EN ISO 9001:2008
approved manufacturer
651 series
Part
Number
Colour
Voltage
Vopr
651-114-75-15
Green
110 Vac 50 Hz
651-114-76
Green
230 Vac 50 Hz
651-114-76-08
Green
230 Vac 50 Hz
651-135-22
Red/Green
24 Vdc
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 651 - version 2013-09-24-173504
page 4 of 5


Similar Part No. - 651-105-21_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
651-105-21 MARL-651-105-21_13 Datasheet
430Kb / 5P
   Suitable for high vibration applications
651-105-21_1309 MARL-651-105-21_1309 Datasheet
430Kb / 5P
   high performance panel lamps
651-105-21_1309 MARL-651-105-21_1309 Datasheet
430Kb / 5P
   Black anodised aluminium housing
More results

Similar Description - 651-105-21_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
652-105-75 MARL-652-105-75_15 Datasheet
407Kb / 4P
   Colour diffused lens with an 180쨘 viewing angle
604-301-04 MARL-604-301-04_15 Datasheet
460Kb / 4P
   Smoked lens with a wide viewing angle
103-305-04 MARL-103-305-04_15 Datasheet
208Kb / 5P
   Colour diffused lens
534-501-7512 MARL-534-501-7512_15 Datasheet
382Kb / 5P
   Colour diffused lens
611-301-21 MARL-611-301-21_15 Datasheet
450Kb / 5P
   Colour diffused lens
643-503-0412 MARL-643-503-0412_15 Datasheet
401Kb / 4P
   Colour diffused lens
104-505-04 MARL-104-505-04_15 Datasheet
164Kb / 4P
   Colour diffused lens
109-305-04 MARL-109-305-04_15 Datasheet
222Kb / 5P
   Colour diffused lens
110-505-04 MARL-110-505-04_15 Datasheet
161Kb / 4P
   Colour diffused lens
538-501-7512 MARL-538-501-7512_15 Datasheet
395Kb / 5P
   Colour diffused lens
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com