Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXC8192 Datasheet(PDF) 6 Page - Level One

Part # LXC8192
Description  Integrated T1/E1 Short-Haul Transceiver wtih Transmit JA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

LXC8192 Datasheet(HTML) 6 Page - Level One

Back Button LXC8192 Datasheet HTML 2Page - Level One LXC8192 Datasheet HTML 3Page - Level One LXC8192 Datasheet HTML 4Page - Level One LXC8192 Datasheet HTML 5Page - Level One LXC8192 Datasheet HTML 6Page - Level One LXC8192 Datasheet HTML 7Page - Level One LXC8192 Datasheet HTML 8Page - Level One LXC8192 Datasheet HTML 9Page - Level One LXC8192 Datasheet HTML 10Page - Level One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
/;7êíè$ ,QWHJUDWHG 7ìî(ì 6KRUWð+DXO 7UDQVFHLYHU ZLWK 7UDQVPLW -$
ëðéé
L1
7UDQVPLWWHU
Data received for transmission onto the line is clocked seri-
ally into the device at TPOS and TNEG. Input synchroni-
zation is supplied by the transmit clock (TCLK).
The
transmitted pulse shape is determined by Equalizer Control
signals EC1 through EC3 as shown in Table 4. Refer to
Test Specifications for master and transmit clock timing
characteristics. Shaped pulses are applied to the AMI line
driver for transmission onto the line at TTIP and TRING.
Equalizer Control signals may be hardwired in the Hard-
ware Mode, or input as part of the serial data stream (SDI)
in the Host Mode
Pulses can be shaped for either 1.544 or 2.048 Mbps appli-
cations. 1.544 Mbps pulses for DSX-1 applications can be
programmed to match line lengths from 0 to 655 feet of
ABAM cable.
The LXT305A also matches FCC and
ECSA specifications for CSU applications.
2.048 Mbps
pulses can drive coaxial or shielded twisted-pair lines.
-LWWHU $WWHQXDWLRQ
Jitter attenuation of the LXT305A transmit outputs is pro-
vided by a Jitter Attenuation Loop (JAL) and an Elastic
Store (ES). An external crystal oscillating at 4 times the bit
rate provides clock stabilization.
Refer to Application
Information for crystal specifications. The ES is a 32 x 2-
bit register. Transmit data is clocked into the ES with the
transmit clock (TCLK) signal, and clocked out of the ES
with the dejittered clock from the JAL. When the bit count
in the ES is within two bits of overflowing or underflowing,
the ES adjusts the output clock by 1/8 of a bit period. The
ES produces an average delay of 16 bits in the receive path.
'ULYHU 3HUIRUPDQFH 0RQLWRU
7KH WUDQVFHLYHU LQFRUSRUDWHV D 'ULYHU 3HUIRUPDQFH 0RQLð
WRU õ'30ô LQ SDUDOOHO ZLWK 77,3 DQG 75,1* DW WKH RXWSXW
WUDQVIRUPHUï 7KH '30 RXWSXW JRHV +LJK XSRQ GHWHFWLRQ RI
çê FRQVHFXWLYH ]HURVï ,W LV UHVHW ZKHQ D RQH LV GHWHFWHG RQ
WKH WUDQVPLW OLQHñ RU ZKHQ D UHVHW FRPPDQG LV UHFHLYHGï
/LQH &RGH
The LXT305A transmits data as a 50% AMI line code as
shown in Figure 2. The output driver maintains a constant
low output impedance regardless of whether it is driving
marks or spaces. This well controlled output impedance
provides excellent return loss (> 18 dB) when used with
external 9.1
″ precision (± 1 % accuracy) in series with a
transmit transformer with a turns ratio of 1:2.3 (± 2% accu-
racy). Series resistors also provide increased surge protec-
tion and reduced short circuit current flow.
)LJXUH ëã èíø $0, &RGLQJ
2SHUDWLQJ 0RGHV
The LXT305A can be controlled through hard-wired pins
(Hardware Mode) or by a microprocessor through a serial
interface (Host Mode). The mode of operation is set by the
MODE pin logic level. The LXT305A can also be com-
manded to operate in one of several diagnostic modes.
7DEOH ëã /;7êíè$ 6HULDO 'DWD 2XWSXW %LWV õ6HH
)LJXUH éô
%LW
%LW
%LW
6WDWXV
í
í
í
5HVHW KDV RFFXUUHGñ RU QR SURJUDP
LQSXWï
í
í
ì
7$26 LV DFWLYHï
í
ì
í
/RFDO /RRSEDFN LV DFWLYHï
í
ì
ì
7$26 DQG /RFDO /RRSEDFN DUH
DFWLYHï
ì
í
í
5HPRWH /RRSEDFN LV DFWLYHï
ì
í
ì
'30 KDV FKDQJHG VWDWH VLQFH ODVW
&OHDU '30 RFFXUUHGï
ì
ì
í
/26 KDV FKDQJHG VWDWH VLQFH ODVW
&OHDU /26 RFFXUUHGï
ì
ì
ì
/26 DQG '30 KDYH ERWK FKDQJHG
VWDWH VLQFH ODVW &OHDU '30 DQG &OHDU
/26 RFFXUUHGï
77,3
%LW &HOO
ì
ì
í
75,1*


Similar Part No. - LXC8192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXC26-0350SW ETC2-LXC26-0350SW Datasheet
441Kb / 3P
   Constant Current LED Power Supplies
LXC26-0450SW ETC2-LXC26-0450SW Datasheet
441Kb / 3P
   Constant Current LED Power Supplies
LXC26-0700SW ETC2-LXC26-0700SW Datasheet
441Kb / 3P
   Constant Current LED Power Supplies
LXC26-1050SW ETC2-LXC26-1050SW Datasheet
441Kb / 3P
   Constant Current LED Power Supplies
LXC26-1400SW ETC2-LXC26-1400SW Datasheet
441Kb / 3P
   Constant Current LED Power Supplies
More results

Similar Description - LXC8192

ManufacturerPart #DatasheetDescription
logo
Level One
LXT304A LVL1-LXT304A Datasheet
347Kb / 18P
   Low-Power T1/E1 Short-Haul Transceiver with Receive JA
logo
Integrated Device Techn...
IDT82P2282 IDT-IDT82P2282 Datasheet
2Mb / 383P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2281 IDT-IDT82P2281 Datasheet
2Mb / 375P
   Single T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2282 IDT-IDT82P2282_09 Datasheet
2Mb / 381P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Renesas Technology Corp
IDT82P2282 RENESAS-IDT82P2282 Datasheet
2Mb / 382P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
August 20, 2009
logo
Integrated Device Techn...
IDT82P2288 IDT-IDT82P2288_08 Datasheet
2Mb / 362P
   Octal T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288 Datasheet
1Mb / 384P
   Octal T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2284 IDT-IDT82P2284 Datasheet
2Mb / 384P
   Quad T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Renesas Technology Corp
IDT82P2284 RENESAS-IDT82P2284 Datasheet
2Mb / 364P
   Quad T1/E1/J1 Long Haul / Short Haul Transceiver
February 25, 2008
IDT82P2288 RENESAS-IDT82P2288 Datasheet
2Mb / 362P
   Octal T1/E1/J1 Long Haul / Short Haul Transceiver
JANUARY 10, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com