Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1286 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1286
Description  Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1286 Datasheet(HTML) 3 Page - Linear Technology

  LTC1286_15 Datasheet HTML 1Page - Linear Technology LTC1286_15 Datasheet HTML 2Page - Linear Technology LTC1286_15 Datasheet HTML 3Page - Linear Technology LTC1286_15 Datasheet HTML 4Page - Linear Technology LTC1286_15 Datasheet HTML 5Page - Linear Technology LTC1286_15 Datasheet HTML 6Page - Linear Technology LTC1286_15 Datasheet HTML 7Page - Linear Technology LTC1286_15 Datasheet HTML 8Page - Linear Technology LTC1286_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1286/LTC1298
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N +D)
Signal-to-Noise Plus Distortion Ratio
1kHz/7kHz Input Signal
71/68
dB
THD
Total Harmonic Distortion (Up to 5th Harmonic)
1kHz/7kHz Input Signal
– 84/–80
dB
SFDR
Spurious-Free Dynamic Range
1kHz/7kHz Input Signal
90/86
dB
Peak Harmonic or Spurious Noise
1kHz/7kHz Input Signal
– 90/–86
dB
fSMPL = 12.5kHz (LTC1286), fSMPL = 11.1kHz (LTC1298) (Note 5)
CONVERTER AND MULTIPLEXER CHARACTERISTICS (Note 5)
DYNAMIC ACCURACY
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
q
2V
VIL
Low Level Input Voltage
VCC = 4.75V
q
0.8
V
IIH
High Level Input Current
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
–2.5
µA
VOH
High Level Output Voltage
VCC = 4.75V, IO = 10µA
q
4.0
4.64
V
VCC = 4.75V, IO = 360µA
q
2.4
4.62
V
VOL
Low Level Output Voltage
VCC = 4.75V, IO = 1.6mA
q
0.4
V
IOZ
Hi-Z Output Leakage
CS = High
q
±3
µA
ISOURCE
Output Source Current
VOUT = 0V
– 25
mA
ISINK
Output Sink Current
VOUT = VCC
45
mA
RREF
Reference Input Resistance
CS = VCC
5000
M
(LTC1286)
CS = GND
55
k
IREF
Reference Current (LTC1286)
CS = VCC
q
0.001
2.5
µA
tCYC ≥ 640µs, fCLK ≤ 25kHz
q
90
140
µA
tCYC = 80µs, fCLK = 200kHz
q
90
140
µA
ICC
Supply Current
CS = VCC
q
0.001
±3.0
µA
LTC1286, tCYC ≥ 640µs, fCLK ≤ 25kHz
q
220
460
µA
LTC1286, tCYC = 80µs, fCLK = 200kHz
q
260
500
µA
LTC1298, tCYC ≥ 720µs, fCLK ≤ 25kHz
q
320
600
µA
LTC1298, tCYC = 90µs, fCLK = 200kHz
q
360
640
µA
(Note 5)
1.5V to VCC + 0.05V
1.5V to 5.55V
–0.05V to VCC + 0.05V
LTC1286
LTC1298
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
q
12
12
Bits
Integral Linearity Error
(Note 6)
q
±3/4
±2
±3/4
±2
LSB
Differential Linearity Error
q
±1/4
±3/4
±1/4
±3/4
LSB
Offset Error
q
3/4
±33/4
±3
LSB
Gain Error
q
±2
±8
±2
±8
LSB
Analog Input Range
(Note 7 and 8)
q
V
REF Input Range (LTC1286)
4.5
≤ VCC ≤ 5.5V
V
(Notes 7, 8, and 9)
5.5V < VCC ≤ 9V
V
Analog Input Leakage Current (Note 10)
q
±1
±1
µA
DIGITAL AND DC ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC1286_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1286C LINER-LTC1286C Datasheet
418Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1286CN8 LINER-LTC1286CN8 Datasheet
418Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1286CS8 LINER-LTC1286CS8 Datasheet
418Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1286I LINER-LTC1286I Datasheet
418Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1286IN8 LINER-LTC1286IN8 Datasheet
418Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
More results

Similar Description - LTC1286_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1286 LINER-LTC1286 Datasheet
418Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1298 LINER-LTC1298_15 Datasheet
297Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1285 LINER-LTC1285_15 Datasheet
352Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1288 LINER-LTC1288_15 Datasheet
352Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1285 LINER-LTC1285 Datasheet
412Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
Linear Technology
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com