Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUD628S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STUD628S
Description  Super high dense cell design for low RDS(ON).
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD628S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STUD628S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD628S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD628S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD628S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD628S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD628S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD628S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD628S Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD628S Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SamHop Microelectronics Corp.
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
60
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
60V
40A
12.5 @ VGS=10V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
TO-252 and TO-251 Package.
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
ac
A
1
Details are subject to change without notice.
TC=25°C
G
G
S
S
STU SERIES
TO-252AA(D-PAK)
STD SERIES
TO-251(I-PAK)
W
PD
°C
-55 to 150
TC=25°C
THERMAL CHARACTERISTICS
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
50
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
3
°C/W
Thermal Resistance, Junction-to-Case
R JC
TC=70°C
A
EAS
mJ
Single Pulse Avalanche Energy
d
TC=70°C
W
121
40
117
42
32
27
c
STU628S
STD628S
Green
Product
Ver 1.0
16 @ VGS=4.5V
www.samhop.com.tw
Dec,23,2014
G
G
S
S
D
D


Similar Part No. - STUD628S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD622S SAMHOP-STUD622S Datasheet
114Kb / 8P
   Super high dense cell design for low RDS(ON).
STUD624S SAMHOP-STUD624S Datasheet
116Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STUD628S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com