Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN62D1LFD-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN62D1LFD-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN62D1LFD-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN62D1LFD-7 Datasheet HTML 1Page - Diodes Incorporated DMN62D1LFD-7 Datasheet HTML 2Page - Diodes Incorporated DMN62D1LFD-7 Datasheet HTML 3Page - Diodes Incorporated DMN62D1LFD-7 Datasheet HTML 4Page - Diodes Incorporated DMN62D1LFD-7 Datasheet HTML 5Page - Diodes Incorporated DMN62D1LFD-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMN62D1LFD
Document number: DS36359 Rev. 1 - 2
5 of 6
www.diodes.com
July 2014
© Diodes Incorporated
DMN62D1LFD
t1, PULSE DURATION TIME (sec)
Figure 13 Transient Thermal Resistance
R
(t) = r(t) * R
R
= 234°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
0.001
0.01
0.1
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Package Outline Dimensions
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
U-DFN1212-3
Type C
Dim
Min
Max
Typ
A
0.47 0.53
0.50
A1
0
0.05
0.02
A3
-
-
0.13
b
0.27 0.37
0.32
b1
0.17 0.27
0.22
D
1.15 1.25
1.20
D2
0.75 0.95
0.85
e
-
-
0.80
E
1.15 1.25
1.20
E2
0.40 0.60
0.50
L
0.25 0.35
0.30
L1
0.65 0.75
0.70
All Dimensions in mm
U-DFN1212-3
Type C
Dimensions
Value
C
0.800
G
0.200
X
0.320
X1
0.520
X2
1.050
Y
0.450
Y1
0.250
Y2
0.850
All Dimensions in mm
A
A 3
S e a t i n g P l a n e
A 1
D
E
e
L 1
b
b 1
E 2
D 2
L
X 2
Y 2
Y
C
X
Y 1
X 1
G


Similar Part No. - DMN62D1LFD-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN62D1LFD-7 DIODES-DMN62D1LFD-7 Datasheet
366Kb / 6P
   Low On-Resistance
DMN62D1LFD-7 DIODES-DMN62D1LFD-7 Datasheet
421Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN62D1LFD-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com