Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUD5025NL2 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STUD5025NL2
Description  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD5025NL2 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STUD5025NL2 Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD5025NL2 Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD5025NL2 Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD5025NL2 Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD5025NL2 Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD5025NL2 Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD5025NL2 Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD5025NL2 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STU/D5025NL2
Ver 1.0
www.samhop.com.tw
Jun,30,2008
3
Tj( °
C)
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C)
Figure 3. On-Resistance vs. Drain Current
Figure 4. On-Resistance Variation with Drain
Tj, Junction Temperature(° C)
Figure 5. Gate Threshold Variation
Tj, Junction Temperature(° C)
Figure 6. Breakdown Voltage Variation
50
40
30
20
10
0
0.5
1
1.5
2
2.5
3
0
15
12
9
6
0
0.7
1.4
2.1
2.8
3.5
4.2
3
-55 C
Tj=125 C
18
15
12
9
6
3
0
10
20
30
40
50
1
VGS =4.5V
and Gate Voltage
25
125
100
50
75
150
0
0.8
1.8
1.6
1.4
1.2
1.0
Current and Temperature
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50
-25
0
25
50
75
100 125 150
V DS =V GS
ID=250uA
with Temperature
-50
-25
0
25
50
75
100 125 150
1.20
1.15
1.10
1.05
1.00
0.95
0.90
I D=250uA
with Temperature
25 C
V GS =10V
ID=25A
VGS =10V
V GS=4V
V GS =4.5V
ID=20A
VGS= 4.5V
VGS=1 0V
VGS=3V
VGS=3.5V


Similar Part No. - STUD5025NL2

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD03L01 SAMHOP-STUD03L01 Datasheet
149Kb / 10P
   Super high dense cell design for low RDS(ON).
STUD03L07 SAMHOP-STUD03L07 Datasheet
155Kb / 10P
   Super high dense cell design for low RDS(ON).
STUD03N20 SAMHOP-STUD03N20 Datasheet
126Kb / 10P
   Super high dense cell design for low RDS(ON).
STUD04N20 SAMHOP-STUD04N20 Datasheet
147Kb / 10P
   Super high dense cell design for low RDS(ON).
STUD06L01 SAMHOP-STUD06L01 Datasheet
155Kb / 10P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STUD5025NL2

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com