Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT332PE Datasheet(PDF) 5 Page - Level One

Part # LXT332PE
Description  Dual T1/E1 Line Interface Unit with Crystal-less Attenuation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

LXT332PE Datasheet(HTML) 5 Page - Level One

  LXT332PE Datasheet HTML 1Page - Level One LXT332PE Datasheet HTML 2Page - Level One LXT332PE Datasheet HTML 3Page - Level One LXT332PE Datasheet HTML 4Page - Level One LXT332PE Datasheet HTML 5Page - Level One LXT332PE Datasheet HTML 6Page - Level One LXT332PE Datasheet HTML 7Page - Level One LXT332PE Datasheet HTML 8Page - Level One LXT332PE Datasheet HTML 9Page - Level One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
L1
ëðììì
/;7êêë 'XDO 7ìî(ì /LQH ,QWHUIDFH 8QLW ZLWK &U\VWDOðOHVV -LWWHU $WWHQXDWLRQ
éì
éë
ê
é
TPOS0
(Bipolar)
TNEG0
(Bipolar)
DI
DI
Transmit Positive and Negative Data - Port 0. In the Bipolar I/O mode,
these pins are the positive and negative sides of a bipolar input pair for port
0. Data to be transmitted onto the twisted-pair line is input at these pins.
However, when the TRSTE pin is clocked by MCLK, the LXT332 switches
to a unipolar mode. Table 2 describes Unipolar mode pin functions.
éê
éé
è
ç
RNEG0
(Bipolar)
RPOS0
(Bipolar)
DO
DO
Receive Positive and Negative Data - Port 0. In the Bipolar I/O mode,
these pins are the data outputs from port 0. A signal on RNEG corresponds
to receipt of a negative pulse on RTIP/RRING. A signal on RPOS corre-
sponds to receipt of a positive pulse on RTIP/RRING. RNEG/RPOS outputs
are Non-Return-to-Zero (NRZ). In Host mode, CLKE determines the clock
edge at which these outputs are stable and valid.
ìæ
RCLK0
DO
Receive Clock - Port 0. This clock is recovered from the input signal.
Under Loss of Signal (LOS) conditions, this output is derived from MCLK.
ëå
SCLK
DI
Serial Clock. The Serial Clock shifts data into or out from the serial inter-
face register of the selected port.
êä
VCQ0
DI/O
Provides Violation insert, High Frequency Clock, or QRSS generation/detec-
tion functions for Port 0. Pin operation is determined by the VCQE pin.
Violation Insertion Function. When the Violation insertion function is
enabled, this pin is sampled on the falling edge of TCLK to control bipolar
violation (BPV) insertion. If High, a BPV is inserted at the next available
mark transmitted from port 0. A Low-to-High transition is required for each
subsequent violation insertion. (B8ZS and HDB3 zero suppression codes are
not violated.)
Clock Function. When the Clock function is enabled, this pin outputs a
High Frequency Clock (12.352 MHz for T1, 16.384 MHz for E1) tied to the
jitter attenuated clock of port 0. If no JA clock is available, HFC is locked to
the 8x receive timing recovery clock.
Quasi Random Signal Source (QRSS) Function. When the QRSS function
is enabled, a High on this pin enables the QRSS detection circuit and causes
the LXT332 to transmit the QRSS pattern onto the twisted-pair line from
port 0. For error-free QRSS transmission, TPOS0 must be held Low. To
insert errors into the pattern, TPOS must transition from Low to High (TPOS
is sampled on the falling edge of MCLK). A Low-to-High transition is
required for each subsequent violation insertion. (B8ZS and HDB3 zero
suppression codes are not violated.)
é
è
ìí
ìì
INT1
INT0
DO
DO
Interrupt Outputs. The interrupt outputs go Low to flag the host processor
that the respective port has changed state. INT0 and INT1 are open drain
outputs. Each must be tied to VCC through a resistor.
çìë
MCLK
DI
Master Clock. The master clock (1.544 MHz for T1, 2.048 MHz for E1)
input must be independent, free-running, continuously active and jitter free
for receiver operation. Since the transceivers derive their RCLK timing from
the MCLK input on Loss of Signal (LOS), MCLK cannot be derived from
RCLK.
æìê
GND
Ground. Ground return for power supply VCC.
7DEOH ìã +RVW 0RGH 3LQ DQG %LSRODU +RVW 0RGH 3LQ 'HVFULSWLRQV ¤ FRQWLQXHG
3LQ
4)3
3LQ
3/&&
6\PERO
,î2ì
'HVFULSWLRQ
ì ',
'LJLWDO ,QSXWâ '2
'LJLWDO 2XWSXWâ ',î2
'LJLWDO ,QSXWî2XWSXWâ $,
$QDORJ ,QSXWâ $2
$QDORJ 2XWSXW


Similar Part No. - LXT332PE

ManufacturerPart #DatasheetDescription
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
   Dual T1/E1 Line Interface Unit
logo
Pulse A Technitrol Comp...
LXT331 PULSE-LXT331 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Level One
LXT334 LVL1-LXT334 Datasheet
900Kb / 24P
   Quad Short Haul Transceiver with Clock Recovery
logo
Pulse A Technitrol Comp...
LXT334 PULSE-LXT334 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Level One
LXT335 LVL1-LXT335 Datasheet
492Kb / 16P
   Quad Short Haul PCM Analog Interface
More results

Similar Description - LXT332PE

ManufacturerPart #DatasheetDescription
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
   Dual T1/E1 Line Interface Unit
logo
Intel Corporation
LXT351 INTEL-LXT351 Datasheet
1Mb / 46P
   T1/E1 Short Haul Transceiver with Crystal-less Jitter Attenuation
logo
Level One
LXT350 LVL1-LXT350 Datasheet
1Mb / 44P
   Integrated T1/E1 S/H Transceivers With Crystal-less Jitter Attenuation
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
   Quad T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
   DUAL T1/E1 LINE INTERFACE
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
   Octal T1/E1/J1 Line Interface Unit
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
   Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com