Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2060M Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 2N2060M
Description  SILICON DUAL NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2060M Datasheet(HTML) 2 Page - Central Semiconductor Corp

  2N2060M_15 Datasheet HTML 1Page - Central Semiconductor Corp 2N2060M_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2060M
SILICON
DUAL NPN TRANSISTOR
TO-78 CASE - MECHANICAL OUTLINE
MARKING: FULL PART NUMBER
MATCHING CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE1/hFE2 (Note 1)
VCE=5.0V, IC=100μA
0.9
1.0
hFE1/hFE2 (Note 1)
VCE=5.0V, IC=1.0mA
0.9
1.0
|VBE1-VBE2|
VCE=5.0V, IC=100μA
5.0
mV
|VBE1-VBE2|
VCE=5.0V, IC=1.0mA
5.0
mV
Notes: (1) The lowest reading is taken as hFE1.
www.centr a lsemi.com
R1 (2-December 2013)


Similar Part No. - 2N2060M_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N2060M CENTRAL-2N2060M Datasheet
435Kb / 2P
   SILICON DUAL NPN TRANSISTOR
More results

Similar Description - 2N2060M_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MD918 CENTRAL-MD918 Datasheet
65Kb / 2P
   NPN DUAL SILICON TRANSISTOR
2N5793 CENTRAL-2N5793 Datasheet
67Kb / 1P
   NPN SILICON DUAL TRANSISTOR
2N2060M CENTRAL-2N2060M Datasheet
435Kb / 2P
   SILICON DUAL NPN TRANSISTOR
MD918 CENTRAL-MD918_15 Datasheet
69Kb / 2P
   NPN SILICON DUAL TRANSISTOR
MD8001 CENTRAL-MD8001_15 Datasheet
51Kb / 1P
   NPN SILICON DUAL TRANSISTOR
2N2917 CENTRAL-2N2917_15 Datasheet
87Kb / 2P
   NPN SILICON DUAL TRANSISTOR
logo
Microsemi Corporation
JANS2N2920 MICROSEMI-JANS2N2920 Datasheet
293Kb / 4P
   NPN SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N2918 CENTRAL-2N2918_15 Datasheet
422Kb / 2P
   DUAL SILICON NPN TRANSISTOR
logo
Microsemi Corporation
2N5793 MICROSEMI-2N5793 Datasheet
131Kb / 2P
   NPN SILICON DUAL TRANSISTOR
2N2919 MICROSEMI-2N2919 Datasheet
304Kb / 4P
   NPN SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N2918 CENTRAL-2N2918 Datasheet
422Kb / 2P
   DUAL SILICON NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com