Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2905A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N2905A
Description  PNP SILICON TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2905A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N2905A Datasheet HTML 1Page - Central Semiconductor Corp 2N2905A Datasheet HTML 2Page - Central Semiconductor Corp 2N2905A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N2904 2N2904A
2N2905 2N2905A
PNP SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N2904, 2N2905
series types are PNP silicon transistors manufactured
by the epitaxial planar process, designed for small
signal, general purpose and switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
2N2904
2N2904A
SYMBOL
2N2905
2N2905A
UNITS
Collector-Base Voltage
VCBO
60
60
V
Collector-Emitter Voltage
VCEO
40
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
0.6
A
Power Dissipation
PD
0.8
W
Power Dissipation (TC=25°C)
PD
3.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
2N2904
2N2904A
ELECTRICAL CHARACTERISTICS: (TA=25°C)
2N2905
2N2905A
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=50V
-
20
-
10
nA
ICEV
VCE=30V, VEB=0.5V
-
-
-
50
nA
BVCBO
IC=10μA
60
-
60
-
V
BVCEO
IC=10mA
40
-
60
-
V
BVEBO
IE=10μA
5.0
-
5.0
-
V
VCE(SAT)
IC=150mA, IB=15mA
-
0.4
-
0.4
V
VCE(SAT)
IC=500mA, IB=50mA
-
1.6
-
1.6
V
VBE(SAT)
IC=150mA, IB=15mA
-
1.3
-
1.3
V
VBE(SAT)
IC=500mA, IB=50mA
-
2.6
-
2.6
V
2N2904
2N2905
2N2904A
2N2905A
MIN
MAX
MIN
MAX
hFE
VCE=10V, IC=100μA (2N2904, 2N2905)
20
-
35
-
hFE
VCE=10V, IC=100μA (2N2904A, 2N2905A) 40
-
75
-
hFE
VCE=10V, IC=1.0mA (2N2904, 2N2905)
25
-
50
-
hFE
VCE=10V, IC=1.0mA (2N2904A, 2N2905A) 40
-
100
-
hFE
VCE=10V, IC=10mA (2N2904, 2N2905)
35
-
75
-
hFE
VCE=10V, IC=10mA (2N2904A, 2N2905A)
40
-
100
-
hFE
VCE=10V, IC=150mA
40
120
100
300
hFE
VCE=10V, IC=500mA (2N2904, 2N2905)
20
-
30
-
hFE
VCE=10V, IC=500mA (2N2904A, 2N2905A) 40
-
50
-
TO-39 CASE
R2 (6-April 2015)
www.centr a lsemi.com


Similar Part No. - 2N2905A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2905A SEME-LAB-2N2905A Datasheet
18Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
Comset Semiconductor
2N2905A COMSET-2N2905A Datasheet
195Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Semicoa Semiconductor
2N2905A SEMICOA-2N2905A Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
logo
Microsemi Corporation
2N2905A MICROSEMI-2N2905A Datasheet
175Kb / 4P
   PNP SWITCHING SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N2905A SEMICOA-2N2905A Datasheet
46Kb / 2P
   Type 2N2905A Geometry 0600 Polarity PNP
More results

Similar Description - 2N2905A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com