Electronic Components Datasheet Search |
|
2N3634 Datasheet(PDF) 1 Page - Central Semiconductor Corp |
|
2N3634 Datasheet(HTML) 1 Page - Central Semiconductor Corp |
1 / 2 page 2N3634 2N3635 SILICON PNP TRANSISTORS DESCRIPTION: The CENTRAL SEMICONDUCTOR 2N3634 and 2N3635 are silicon PNP epitaxial planar transistors designed for general purpose switching and amplifier applications. MARKING: FULL PART NUMBER MAXIMUM RATINGS: (TA=25°C) SYMBOL UNITS Collector-Base Voltage VCBO 140 V Collector-Emitter Voltage VCEO 140 V Emitter-Base Voltage VEBO 5.0 V Continuous Collector Current IC 1.0 A Power Dissipation PD 1.0 W Power Dissipation (TC=25°C) PD 5.0 W Operating and Storage Junction Temperature TJ, Tstg -65 to +200 °C Thermal Resistance ΘJA 175 °C/W Thermal Resistance ΘJC 35 °C/W ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted) SYMBOL TEST CONDITIONS MIN MAX UNITS ICBO VCB=100V 100 nA IEBO VEB=3.0V 50 nA BVCBO IC=100μA 140 V BVCEO IC=10mA 140 V BVEBO IE=10μA 5.0 V VCE(SAT) IC=10mA, IB=1.0mA 0.3 V VCE(SAT) IC=50mA, IB=5.0mA 0.5 V VBE(SAT) IC=10mA, IB=1.0mA 0.8 V VBE(SAT) IC=50mA, IB=5.0mA 0.65 0.9 V fT VCE=30V, IC=30mA, f=100MHz (2N3634) 150 MHz fT VCE=30V, IC=30mA, f=100MHz (2N3635) 200 MHz Cob VCB=20V, IE=0, f=1.0MHz 10 pF Cib VEB=1.0V, IC=0, f=1.0MHz 75 pF NF VCE=10V, IC=0.5mA, RS=1.0kΩ, f=1.0kHz 3.0 dB ton VCC=100V, VBE=4.0V, IC=50mA 400 ns toff IB1=IB2=5.0mA 600 ns TO-39 CASE R1 (17-September 2013) www.centr a lsemi.com |
Similar Part No. - 2N3634_15 |
|
Similar Description - 2N3634_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |