Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3709 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3709
Description  SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3709 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3709 Datasheet HTML 1Page - Central Semiconductor Corp 2N3709 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3707 2N3710
2N3708 2N3711
2N3709
SILICON
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3707 series
devices are silicon NPN transistors designed for
low level, low noise (2N3707), low level, high gain
(2N3708, 2N3709, 2N3710, 2N3711) applications.
Recommended PNP complementary series is 2N4058
thru 2N4062.
MARKING: FULL PART NUMBER
TO-92 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PD
625
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=20V
100
nA
IEBO
VEB=6.0V
100
nA
BVCEO
IC=1.0mA
30
V
VCE(SAT)
IC=10mA, IB=0.5mA
1.0
V
VBE(ON)
VCE=5.0V, IC=1.0mA
0.5
1.0
V
NF
VCE=5.0V, IC=100μA, RG=10KΩ,
BW=15.7kHz (2N3707 only)
5.0
dB
2N3707
2N3708
2N3709
2N3710
2N3711
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
MIN MAX
MIN MAX
MIN MAX
hFE
VCE=5.0V, IC=100μA
100
400
-
-
-
-
-
-
-
-
hFE
VCE=5.0V, IC=1.0mA
-
-
45
660
45
165
90
330
180
660
hfe
VCE=5.0V, IC=100μA, f=1.0kHz
100
550
-
-
-
-
-
-
-
-
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
-
-
45
800
45
250
90
450
180
800
R1 (13-March 2014)
www.centr a lsemi.com


Similar Part No. - 2N3709

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3709 MICRO-ELECTRONICS-2N3709 Datasheet
137Kb / 2P
   NPN/PNP SILICON AF SMALL SIGNAL TRANSISTORS
logo
Central Semiconductor C...
2N3709 CENTRAL-2N3709 Datasheet
56Kb / 1P
   Small Signal Transistors
More results

Similar Description - 2N3709

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com