Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3738 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3738
Description  SILICON NPN POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3738 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3738 Datasheet HTML 1Page - Central Semiconductor Corp 2N3738 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N3738
2N3739
UNITS
Collector-Base Voltage
VCBO
250
325
V
Collector-Emitter Voltage
VCEO
225
300
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
1.0
A
Peak Collector Current
ICM
2.0
A
Continuous Base Current
IB
0.5
A
Peak Base Current
IBM
1.0
A
Power Dissipation
PD
20
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
7.5
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=Rated VCBO
0.1
mA
ICEV
VCE=250V, VBE=1.5V (2N3738)
0.5
mA
ICEV
VCE=300V, VBE=1.5V (2N3739)
0.5
mA
ICEV
VCE=125V, VBE=1.5V, TC=100°C (2N3738)
1.0
mA
ICEV
VCE=200V, VBE=1.5V, TC=100°C (2N3739)
1.0
mA
ICEO
VCE=125V (2N3738)
0.25
mA
ICEO
VCE=200V (2N3739)
0.25
mA
IEBO
VEB=6.0V
0.1
mA
BVCEO
IC=5.0mA, (2N3738)
225
V
BVCEO
IC=5.0mA, (2N3739)
300
V
VCE(SAT) IC=250mA, IB=25mA
2.5
V
VBE(ON)
VCE=10V, IC=100mA
1.0
V
hFE
VCE=10V, IC=50mA
30
hFE
VCE=10V, IC=100mA
40
200
hFE
VCE=10V, IC=250mA
25
hfe
VCE=20V, IC=100mA, f=1.0kHz
35
fT
VCE=10V, IC=100mA, f=10MHz
10
MHz
Cob
VCB=100V, IE=0, f=100kHz
20
pF
2N3738
2N3739
SILICON
NPN POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3738 and 2N3739
are silicon epitaxial NPN power transistors designed for
high voltage amplifier applications.
MARKING: FULL PART NUMBER
TO-66 CASE
R1 (2-September 2014)
www.centr a lsemi.com


Similar Part No. - 2N3738

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3738 SEME-LAB-2N3738 Datasheet
17Kb / 2P
   POWER TRANSISTORS NPN SILICON
logo
Central Semiconductor C...
2N3738 CENTRAL-2N3738 Datasheet
51Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N3738 NJSEMI-2N3738 Datasheet
86Kb / 1P
   SI NPN POWER BJT
2N3738 NJSEMI-2N3738 Datasheet
123Kb / 1P
   SPRINGFIELD, NEW JERSEY 07081
More results

Similar Description - 2N3738

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com