Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3741 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3741
Description  SILICON PNP POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3741 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3741 Datasheet HTML 1Page - Central Semiconductor Corp 2N3741 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3740
2N3741
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N3740A
2N3741A
UNITS
Collector-Base Voltage
VCBO
60
80
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
4.0
A
Peak Collector Current
ICM
10
A
Continuous Base Current
IB
2.0
A
Power Dissipation
PD
25
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEV
VCE=Rated VCEO, VBE=1.5V (2N3740, 2N3741)
100
μA
ICEV
VCE=Rated VCEO, VBE=1.5V (2N3740A, 2N3741A)
100
nA
ICEV
VCE=40V, VBE=1.5V, TC=150°C (2N3740)
1.0
mA
ICEV
VCE=40V, VBE=1.5V, TC=150°C (2N3740A)
0.5
mA
ICEV
VCE=60V, VBE=1.5V, TC=150°C (2N3741)
1.0
mA
ICEV
VCE=60V, VBE=1.5V, TC=150°C (2N3741A)
0.5
mA
ICBO
VCB=Rated VCBO (2N3740, 2N3741)
100
μA
ICBO
VCB=Rated VCBO (2N3740A, 2N3741A)
100
nA
ICEO
VCE=40V (2N3740)
1.0
mA
ICEO
VCE=40V (2N3740A)
1.0
μA
ICEO
VCE=60V (2N3741)
1.0
mA
ICEO
VCE=60V (2N3741A)
1.0
μA
IEBO
VEB=7.0V (2N3740, 2N3741)
0.5
mA
IEBO
VEB=7.0V (2N3740A, 2N3741A)
100
nA
BVCEO
IC=100mA (2N3740, 2N3740A)
60
V
BVCEO
IC=100mA (2N3741, 2N3741A)
80
V
VCE(SAT) IC=1.0A, IB=125mA
0.6
V
VBE(ON)
VCE=1.0V, IC=250mA
1.0
V
hFE
VCE=1.0V, IC=100mA
40
hFE
VCE=1.0V, IC=250mA
30
200
hFE
VCE=1.0V, IC=500mA
20
hFE
VCE=1.0V, IC=1.0A
10
hfe
VCE=10V, IC=50mA, f=1.0kHz
25
fT
VCE=10V, IC=100mA, f=1.0MHz
4.0
MHz
Cob
VCB=10V, IE=0, f=100kHz
100
pF
2N3740
2N3740A
2N3741
2N3741A
SILICON
PNP POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3740 series
devices are silicon PNP power transistors manufactured
by the epitaxial base process designed for power
amplifier and medium speed switching applications.
MARKING: FULL PART NUMBER
TO-66 CASE
R2 (2-September 2014)
www.centr a lsemi.com


Similar Part No. - 2N3741

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3741 MOSPEC-2N3741 Datasheet
120Kb / 3P
   POWER TRANSISTORS(4A,25W)
logo
Central Semiconductor C...
2N3741 CENTRAL-2N3741 Datasheet
430Kb / 2P
   PNP SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3741 BOCA-2N3741 Datasheet
125Kb / 3P
   MEDIUM-POWER PNP TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3741 MICROSEMI-2N3741 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
More results

Similar Description - 2N3741

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com