Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3766 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 2N3766
Description  SILICON NPN POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3766 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  2N3766 Datasheet HTML 1Page - Central Semiconductor Corp 2N3766 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N3766
2N3767
UNITS
Collector-Base Voltage
VCBO
80
100
V
Collector-Emitter Voltage
VCEO
60
80
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
4.0
A
Continuous Base Current
IB
2.0
A
Power Dissipation
PD
25
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
7.0
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=Rated VCBO
10
μA
ICEV
VCE=Rated VCEO, VEB=1.5V
10
μA
ICEO
VCE=Rated VCEO
500
μA
IEBO
VEB=6.0V
500
μA
BVCEO
IC=100mA (2N3766)
60
V
BVCEO
IC=100mA (2N3767)
80
V
VCE(SAT)
IC=500mA, IB=50mA
1.0
V
VCE(SAT)
IC=1.0A, IB=100mA
2.5
V
VBE(ON)
VCE10V, IC=1.0A
1.5
V
hFE
VCE=5.0V, IC=50mA
30
hFE
VCE=5.0V, IC=500mA
40
160
hFE
VCE=10V, IC=1.0A
20
fT
VCE=10V, IC=500mA, f=10MHz
10
MHz
Cob
VCB=10V, IE=0, f=100kHz
50
pF
2N3766
2N3767
SILICON
NPN POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3766 and 2N3767
are silicon NPN power transistors manufactured by the
epitaxial base process designed for power amplifier and
medium speed switching applications.
MARKING: FULL PART NUMBER
TO-66 CASE
R2 (2-September 2014)
www.centr a lsemi.com


Similar Part No. - 2N3766

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3766 MICROSEMI-2N3766 Datasheet
59Kb / 3P
   NPN POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3766 CENTRAL-2N3766 Datasheet
51Kb / 1P
   Power Transistors
logo
List of Unclassifed Man...
2N3766 ETC-2N3766 Datasheet
347Kb / 8P
   Power Transistors
logo
Seme LAB
2N3766 SEME-LAB-2N3766 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
logo
Central Semiconductor C...
2N3766 CENTRAL-2N3766 Datasheet
179Kb / 2P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - 2N3766

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com