Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XSL-375-TB-5 Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # XSL-375-TB-5
Description  UV LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

XSL-375-TB-5 Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  XSL-375-TB-5 Datasheet HTML 1Page - Roithner LaserTechnik GmbH XSL-375-TB-5 Datasheet HTML 2Page - Roithner LaserTechnik GmbH XSL-375-TB-5 Datasheet HTML 3Page - Roithner LaserTechnik GmbH XSL-375-TB-5 Datasheet HTML 4Page - Roithner LaserTechnik GmbH XSL-375-TB-5 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
05.08.2010
XSL-375-TB-5
4 of 5
3. Soldering Conditions
• Solder the LEDs no closer than 3 mm from the base of the lead.
• Recommended soldering conditions:
Dip Soldering
Hand Soldering
Pre-Heat
120 °C Max.
Temperature
350 °C Max.
Pre-Heat Time
60 Seconds Max.
Soldering Time 3 Seconds Max.
Solder Bath Temperature 260 °C Max.
Dipping Time
5 Seconds Max.
Dipping Position
No lower than 3 mm from
the base of the epoxy bulb
Position
Not closer than 3 mm from
the base of the epoxy bulb
• Although the recommended soldering conditions are specified in the above table, dip or hand
soldering at the lowest possible temperature is desirable for the LEDs.
• A rapid-rate process is not recommended for cooling the LEDs down from the peak
temperature.
• Dip soldering and hand soldering should not be done more than one time.
• Do not apply any stress to the lead particularly when heated.
• The LEDs must not be repositioned after soldering.
• After soldering the LEDs, the lead should be protected from mechanical shock or vibration
until the LEDs return to room temperature.
• Direct soldering onto a PC board should be avoided. Mechanical stress to the resin may be
caused from warping of the PC board or from the clinching and cutting of the lead frames.
When it is absolutely necessary, the LEDs may be mounted in this fashion but the customer
will assume responsibility for any problems. Direct soldering should only be done adter
testing has confirmed that no damage, such as wire bond failure or resin deterioration, will
occur. Those LEDs should not be soldered directly to double sided PC boards because the
heat will deteriorate the epoxy resin.
• When it is necessary to clamp the LEDs to prevent soldering failure, it is important to
minimize the mechanical stress on the LEDs.
• Cut the LED leads at room temperature. Cutting the leads at high temperature may cause
the failure of the LEDs.
4. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.


Similar Part No. - XSL-375-TB-5

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
XSL-375-TB-4 ROITHNER-XSL-375-TB-4 Datasheet
287Kb / 5P
   UV LED
More results

Similar Description - XSL-375-TB-5

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
XSL-365-TF ROITHNER-XSL-365-TF Datasheet
297Kb / 5P
   UV LED
VL410-5-15 ROITHNER-VL410-5-15 Datasheet
217Kb / 4P
   UV LED
logo
NICHIA CORPORATION
NCSU035C NICHIA-NCSU035C Datasheet
295Kb / 19P
   UV LED
NSHU550A NICHIA-NSHU550A Datasheet
286Kb / 14P
   UV LED
NSHU550B NICHIA-NSHU550B Datasheet
218Kb / 14P
   UV LED
logo
Roithner LaserTechnik G...
XSL-365-SD ROITHNER-XSL-365-SD Datasheet
395Kb / 5P
   UV LED
LED375 ROITHNER-LED375 Datasheet
907Kb / 8P
   UV LED
logo
NICHIA CORPORATION
NSSU100CT NICHIA-NSSU100CT_18 Datasheet
280Kb / 18P
   UV LED
NSSU123T NICHIA-NSSU123T_18 Datasheet
288Kb / 18P
   UV LED
NCSU275T-U375 NICHIA-NCSU275T-U375 Datasheet
299Kb / 18P
   UV LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com