Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS50R150V Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HCS50R150V
Description  Superior Avalanche Rugged Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCS50R150V Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HCS50R150V Datasheet HTML 1Page - SemiHow Co.,Ltd. HCS50R150V Datasheet HTML 2Page - SemiHow Co.,Ltd. HCS50R150V Datasheet HTML 3Page - SemiHow Co.,Ltd. HCS50R150V Datasheet HTML 4Page - SemiHow Co.,Ltd. HCS50R150V Datasheet HTML 5Page - SemiHow Co.,Ltd. HCS50R150V Datasheet HTML 6Page - SemiHow Co.,Ltd. HCS50R150V Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics T
J=25
C unless otherwise specified
I
S
Continuous Source-Drain Diode Forward Current
--
--
22
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
66
V
SD
Source-Drain Diode Forward Voltage
I
S = 22 A, VGS = 0 V
--
--
1.2
V
trr
Reverse Recovery Time
I
S = 22 A, VGS = 0 V
di
F/dt = 100 A/
(Note 4)
--
300
--
Qrr
Reverse Recovery Charge
--
5
--
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250
2.5
--
3.5
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 11 A
--
0.13
0.15
g
FS
Forward Transconductance
V
DS = 10 V, ID = 11 A
--
18.8
--
On Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250
500
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 500 V, VGS = 0 V
--
--
1
V
DS = 400 V, TC = 125
--
--
10
I
GSS
Gate-Body Leakage Current
V
GS =
20 V, V
DS = 0 V
--
--
100
Off Characteristics
C
iss
Input Capacitance
V
DS = 50 V, VGS = 0 V,
f = 1.0 MHz
--
2140
--
C
oss
Output Capacitance
--
300
--
C
rss
Reverse Transfer Capacitance
--
18
--
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 250 V, ID = 22 A,
R
G = 25
(Note 4,5)
--
40
--
t
r
Turn-On Rise Time
--
20
--
t
d(off)
Turn-Off Delay Time
--
200
--
t
f
Turn-Off Fall Time
--
20
--
Q
g
Total Gate Charge
V
DS = 400 V, ID = 22 A,
V
GS = 10 V
(Note 4,5)
--
54
--
nC
Q
gs
Gate-Source Charge
--
10
--
nC
Q
gd
Gate-Drain Charge
--
20
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics
Package Marking and Ordering Information
Device Marking
Week Marking
Package
Packing
Quantity
RoHS Status
HCS50R150V
YWWX
TO-220F
Tube
50
Pb Free
HCS50R150V
YWWXg
TO-220F
Tube
50
Halogen Free
Notes ;
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=10mH, I
AS=10A, VDD=50V, RG=25
, Starting T
J =25 C
3. I
SD
,di/dt
, V
DD
DSS , Starting TJ =25
C
4. Pulse Test : Pulse Width
5. Essentially Independent of Operating Temperature


Similar Part No. - HCS50R150V

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS500 MICROCHIP-HCS500 Datasheet
356Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1997
HCS500 MICROCHIP-HCS500 Datasheet
395Kb / 28P
   Memory Programming Specification
2004
HCS500 MICROCHIP-HCS500 Datasheet
728Kb / 40P
   KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
2011
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
   KEELOQ Code Hopping Decoder
01/18/02
HCS500-I/P MICROCHIP-HCS500-I/P Datasheet
403Kb / 34P
   KEELOQ Code Hopping Decoder
01/18/02
More results

Similar Description - HCS50R150V

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLD150N10K SEMIHOW-HRLD150N10K Datasheet
326Kb / 9P
   Superior Avalanche Rugged Technology
HCD65R360S SEMIHOW-HCD65R360S Datasheet
268Kb / 8P
   Superior Avalanche Rugged Technology
HFS2N60U SEMIHOW-HFS2N60U Datasheet
307Kb / 8P
   Superior Avalanche Rugged Technology
HFS5N65U SEMIHOW-HFS5N65U Datasheet
320Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N65U SEMIHOW-HFS8N65U Datasheet
312Kb / 8P
   Superior Avalanche Rugged Technology
HFS8N70U SEMIHOW-HFS8N70U Datasheet
313Kb / 8P
   Superior Avalanche Rugged Technology
HFS10N60U SEMIHOW-HFS10N60U Datasheet
306Kb / 7P
   Superior Avalanche Rugged Technology
HFD8N70U SEMIHOW-HFD8N70U Datasheet
264Kb / 8P
   Superior Avalanche Rugged Technology
HFN6N70U SEMIHOW-HFN6N70U Datasheet
256Kb / 7P
   Superior Avalanche Rugged Technology
HFP2N60U SEMIHOW-HFP2N60U Datasheet
197Kb / 8P
   Superior Avalanche Rugged Technology
HFP5N50U SEMIHOW-HFP5N50U Datasheet
209Kb / 8P
   Superior Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com