Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS70R600S Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HCS70R600S
Description  Robust Gate Oxide Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCS70R600S Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HCS70R600S Datasheet HTML 1Page - SemiHow Co.,Ltd. HCS70R600S Datasheet HTML 2Page - SemiHow Co.,Ltd. HCS70R600S Datasheet HTML 3Page - SemiHow Co.,Ltd. HCS70R600S Datasheet HTML 4Page - SemiHow Co.,Ltd. HCS70R600S Datasheet HTML 5Page - SemiHow Co.,Ltd. HCS70R600S Datasheet HTML 6Page - SemiHow Co.,Ltd. HCS70R600S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Characteristics (continued)
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Note :
1. V
GS = 10 V
2. I
D = 3.5 A
T
J, Junction Temperature [
oC]
t
2
t
1
P
DM
25
50
75
100
125
150
0
2
4
6
8
T
C, Case Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note :
1. V
GS = 0 V
2. I
D = 250 A
T
J, Junction Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
JC(t) = 4.2
oC/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z JC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
10
-1
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 s
100 ms
DC
10 ms
1 ms
100 s
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]


Similar Part No. - HCS70R600S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
HCS70R600S ISC-HCS70R600S Datasheet
303Kb / 2P
   N-Channel Super Junction MOSFET
More results

Similar Description - HCS70R600S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFS640A FAIRCHILD-IRFS640A Datasheet
325Kb / 7P
   Rugged Gate Oxide Technology
logo
List of Unclassifed Man...
24ACC12T4V10 ETC2-24ACC12T4V10 Datasheet
1Mb / 8P
   Robust and soft freewheeling diodes in CAL technology
logo
Shenzhen Foster Semicon...
FIR140N098PG FOSTER-FIR140N098PG Datasheet
1Mb / 7P
   Uses split-gate technology
logo
List of Unclassifed Man...
35ACC12T4V10 ETC2-35ACC12T4V10 Datasheet
276Kb / 4P
   Robust and soft freewheeling diodes in CAL technology
logo
Texas Instruments
LM5108 TI1-LM5108 Datasheet
1Mb / 33P
[Old version datasheet]   Robust and Compact 100-V Half-Bridge Gate Driver
logo
Renesas Technology Corp
RJP30H2DPK-M0-11 RENESAS-RJP30H2DPK-M0-11 Datasheet
159Kb / 6P
   Trench gate and thin wafer technology
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
logo
Infineon Technologies A...
2EDF7275F INFINEON-2EDF7275F Datasheet
1Mb / 38P
   Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
Rev. 2.5 2020-03-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com