Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

216-532-22-65 Datasheet(PDF) 3 Page - Marl International Limited

Part # 216-532-22-65
Description  20 LED cluster
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

216-532-22-65 Datasheet(HTML) 3 Page - Marl International Limited

  216-532-22-65_15 Datasheet HTML 1Page - Marl International Limited 216-532-22-65_15 Datasheet HTML 2Page - Marl International Limited 216-532-22-65_15 Datasheet HTML 3Page - Marl International Limited 216-532-22-65_15 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
216 series
Part numbers also available in the 216 series:
Part
Number
Colour
Voltage
Vopr
216-063-76
White
230 Vac 50 Hz
216-290-25
Red
110 Vdc
216-290-72
Red
24 Vac 50 Hz
216-290-76
Red
230 Vac 50 Hz
216-501-24-65
Red
48 Vdc
216-501-76-62
Red
230 Vac 50 Hz
216-501-76-65
Red
230 Vac 50 Hz
216-521-76-65
Yellow
230 Vac 50 Hz
216-532-25-59
Green
110 Vdc
216-532-76-65
Green
230 Vac 50 Hz
216-904-76-95
Red
230 Vac 50 Hz
216-904-76-96
Red
230 Vac 50 Hz
216-904-76-97-KDS
Red
230 Vac 50 Hz
216-905-76-55
Orange
230 Vac 50 Hz
216-907-76-65
Green
230 Vac 50 Hz
216-925-76-55
Yellow
230 Vac 50 Hz
216-925-76-96
Yellow
230 Vac 50 Hz
216-930-76-65
Blue
230 Vac 50 Hz
216-940-76-96
Infrared
230 Vac 50 Hz
216-993-76-55
Warm White
230 Vac 50 Hz
216-993-76-59
Warm White
230 Vac 50 Hz
216-997-25-62
White
110 Vdc
216-997-76-55
White
230 Vac 50 Hz
216-997-76-57
White
230 Vac 50 Hz
216-997-76-63
White
230 Vac 50 Hz
216-997-76-65
White
230 Vac 50 Hz
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 216 - version 2013-10-21-173253
page 3 of 4


Similar Part No. - 216-532-22-65_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
More results

Similar Description - 216-532-22-65_15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
217-501-22-65 MARL-217-501-22-65_15 Datasheet
284Kb / 5P
   20 LED cluster
218-501-22-65 MARL-218-501-22-65_15 Datasheet
231Kb / 4P
   20 LED cluster
logo
SunLED Corporation
K4MDW62 SUNLED-K4MDW62 Datasheet
139Kb / 3P
   18.4mm LED CLUSTER
logo
Kingbright Corporation
BL0709-18-76 KINGBRIGHT-BL0709-18-76 Datasheet
55Kb / 2P
   28mmX28mm LED CLUSTER
logo
SunLED Corporation
K50MRW6 SUNLED-K50MRW6 Datasheet
153Kb / 3P
   52mm LED CLUSTER
logo
BetLux Electronics
BL-CR19AR3G4 BETLUX-BL-CR19AR3G4 Datasheet
71Kb / 3P
   LED LAMP CLUSTER
BL-CS15AR1G3 BETLUX-BL-CS15AR1G3 Datasheet
73Kb / 3P
   LED LAMP CLUSTER
BL-CS28AR3G5B1 BETLUX-BL-CS28AR3G5B1 Datasheet
73Kb / 3P
   LED LAMP CLUSTER
BL-CS39AR2G1B1 BETLUX-BL-CS39AR2G1B1 Datasheet
79Kb / 3P
   LED LAMP CLUSTER
logo
SunLED Corporation
K4MD2BBA12SGW85 SUNLED-K4MD2BBA12SGW85 Datasheet
148Kb / 3P
   28mmX28mm LED CLUSTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com