Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN1260UFA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN1260UFA
Description  12V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN1260UFA Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN1260UFA_15 Datasheet HTML 1Page - Diodes Incorporated DMN1260UFA_15 Datasheet HTML 2Page - Diodes Incorporated DMN1260UFA_15 Datasheet HTML 3Page - Diodes Incorporated DMN1260UFA_15 Datasheet HTML 4Page - Diodes Incorporated DMN1260UFA_15 Datasheet HTML 5Page - Diodes Incorporated DMN1260UFA_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN1260UFA
Document number: DS37122 Rev. 3 - 2
3 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMN1260UFA
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.5
1
1.5
2
2.5
3
V
= 1.0V
GS
V
= 1.2V
GS
V
= 3.0V
GS
V
= 4.0V
GS
V
= 8.0V
GS
V
= 1.5V
GS
V
= 1.8V
GS
V
= 2.0V
GS
V
= 2.5V
GS
V
= 4.5V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
0.5
1
1.5
2
2.5
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0.1
0.15
0.2
0.25
0.3
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
V
= 1.8V
GS
V
= 2.5V
GS
V
= 4.5V
GS
I , DRAIN CURRENT (A)
D
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
T , JUNCTION TEMPERATURE ( C)
Figure 5 On-Resistance Variation with Temperature
J
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
V
=
V
I = 50mA
GS
D
1.8
V
=
V
I = 200mA
GS
D
4.5
V
= .5V
I = 10mA
GS
D
1
V
= .5V
I = 100mA
GS
D
2
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
150
V
=
V
I = 50mA
GS
D
1.8
V
=
V
I = 10mA
GS
D
1.5
V
=
V
I = 100mA
GS
D
2.5
V
=
V
I = 200mA
GS
D
4.5


Similar Part No. - DMN1260UFA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1260UFA-7B DIODES-DMN1260UFA-7B Datasheet
372Kb / 6P
   Low On-Resistance
More results

Similar Description - DMN1260UFA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN1008UFDF DIODES-DMN1008UFDF Datasheet
573Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LDN8102DT1AG LRC-LDN8102DT1AG Datasheet
700Kb / 3P
   12V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMN14M8UFDF DIODES-DMN14M8UFDF Datasheet
737Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021 Rev. 3 - 2
DMN1019UFDE DIODES-DMN1019UFDE Datasheet
223Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1019UVT DIODES-DMN1019UVT_15 Datasheet
365Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1008UFDFQ DIODES-DMN1008UFDFQ Datasheet
548Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
DMN1019UFDE DIODES-DMN1019UFDE_15 Datasheet
287Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1019USN DIODES-DMN1019USN_15 Datasheet
313Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1004UFV DIODES-DMN1004UFV Datasheet
375Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1019USN DIODES-DMN1019USN Datasheet
313Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com