Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2013UFDE-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN2013UFDE-7
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2013UFDE-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2013UFDE-7 Datasheet HTML 1Page - Diodes Incorporated DMN2013UFDE-7 Datasheet HTML 2Page - Diodes Incorporated DMN2013UFDE-7 Datasheet HTML 3Page - Diodes Incorporated DMN2013UFDE-7 Datasheet HTML 4Page - Diodes Incorporated DMN2013UFDE-7 Datasheet HTML 5Page - Diodes Incorporated DMN2013UFDE-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN2013UFDE
Document number: DS35701 Rev. 7 - 2
3 of 6
www.diodes.com
April 2013
© Diodes Incorporated
DMN2013UFDE
0
0.5
1
1.5
2
V , DRAIN-SOURCE VOLTAGE (V)
Fig.1 Typical Output Characteristic
DS
0
5
10
15
20
25
30
0
5
10
15
20
V , GATE-SOURCE VOLTAGE
GS
Fig.2 Typical Transfer Characteristics
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0
0.005
0.010
0.015
0.020
04
8
12
16
20
I , DRAIN-SOURCE CURRENT
D
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 4.5V
GS
V
= 2.5V
GS
V
= 1.8V
GS
V
= 1.5V
GS
0
0.005
0.010
0.015
0.020
0
5
10
15
20
I , DRAIN CURRENT
D
Fig. 4 Typical On-Resistance vs.
Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
0.6
0.8
1.0
1.2
1.4
1.8
1.6
50 -25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 5 On-Resistance Variation with Temperature
J
V
= 4.5V
I= 10A
GS
D
V=
V
I= 5A
GS
D
2.5
0
0.005
0.010
0.015
0.020
- 50
-25
0
255075
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 6 On-Resistance Variation with Temperature
J
V= .5V
I= 5A
GS
D
2
V=
V
I = 10A
GS
D
4.5


Similar Part No. - DMN2013UFDE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2013UFDE-7 DIODES-DMN2013UFDE-7 Datasheet
220Kb / 6P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2013UFDE-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com