Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2027USS Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN2027USS
Description  DMN2027USS_15
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2027USS Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN2027USS_15 Datasheet HTML 1Page - Diodes Incorporated DMN2027USS_15 Datasheet HTML 2Page - Diodes Incorporated DMN2027USS_15 Datasheet HTML 3Page - Diodes Incorporated DMN2027USS_15 Datasheet HTML 4Page - Diodes Incorporated DMN2027USS_15 Datasheet HTML 5Page - Diodes Incorporated DMN2027USS_15 Datasheet HTML 6Page - Diodes Incorporated DMN2027USS_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN2027USS
Document number: DS35038 Rev. 4 - 2
5 of 7
www.diodes.com
February 2015
© Diodes Incorporated
DMN2027USS
10
100
1,000
10,000
f = 1MHz
0
5
10
15
20
Fig. 9 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
Crss
Coss
0
5
10
15
20
Fig. 10 Typical Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
2
4
6
8
10
0
5
10
15
20
25
30
Fig. 11 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
V
= 15V
I = 9.4A
DS
D


Similar Part No. - DMN2027USS_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2027USS-13 DIODES-DMN2027USS-13 Datasheet
270Kb / 8P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
DS35038 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com