Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2028UFDH Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN2028UFDH
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2028UFDH Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN2028UFDH_15 Datasheet HTML 1Page - Diodes Incorporated DMN2028UFDH_15 Datasheet HTML 2Page - Diodes Incorporated DMN2028UFDH_15 Datasheet HTML 3Page - Diodes Incorporated DMN2028UFDH_15 Datasheet HTML 4Page - Diodes Incorporated DMN2028UFDH_15 Datasheet HTML 5Page - Diodes Incorporated DMN2028UFDH_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMN2028UFDH
Document number: DS35805 Rev. 5 - 2
5 of 6
www.diodes.com
January 2013
© Diodes Incorporated
DMN2028UFDH
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
POWERDI3030-8
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3
0.203
b
0.25
0.35
0.30
D
2.95
3.05
3.00
E
2.95
3.05
3.00
e
0.65
L
0.55
0.65
0.60
Z
0.375
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.650
X
0.400
Y
0.850
Y1
3.400
D
E
e
b (8x)
A
A3
L (8x)
A1
Z (4X)
1
Pin#1
C0.10
Y1
C
X (8x)
Y (8x)


Similar Part No. - DMN2028UFDH_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2028UFDH-7 DIODES-DMN2028UFDH-7 Datasheet
281Kb / 6P
   Low On-Resistance
More results

Similar Description - DMN2028UFDH_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3030LFG DIODES-DMN3030LFG_15 Datasheet
278Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3029LFG DIODES-DMN3029LFG_15 Datasheet
201Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H170SFG DIODES-DMN10H170SFG_15 Datasheet
301Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7410SFG DIODES-DMG7410SFG_15 Datasheet
204Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFG DIODES-DMG7430LFG_15 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMT6016LPS DIODES-DMT6016LPS_15 Datasheet
645Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN10H120SFG DIODES-DMN10H120SFG_15 Datasheet
247Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com