Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2400UFB4-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2400UFB4-7
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2400UFB4-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2400UFB4-7 Datasheet HTML 1Page - Diodes Incorporated DMN2400UFB4-7 Datasheet HTML 2Page - Diodes Incorporated DMN2400UFB4-7 Datasheet HTML 3Page - Diodes Incorporated DMN2400UFB4-7 Datasheet HTML 4Page - Diodes Incorporated DMN2400UFB4-7 Datasheet HTML 5Page - Diodes Incorporated DMN2400UFB4-7 Datasheet HTML 6Page - Diodes Incorporated DMN2400UFB4-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN2400UFB4
Document number: DS32025 Rev. 6 - 2
2 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DMN2400UFB4
Marking Information
DMN2400UFB4-7
DMN2400UFB4-7B
Maximum Ratings @TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +85°C
ID
0.75
0.55
A
Pulsed Drain Current (Notes 5 & 6)
IDM
3
A
Thermal Characteristics @TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.47
mW
Thermal Resistance, Junction to Ambient
RθJA
258
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout, single sided.
6. Device mounted on minimum recomm
ended pad layout test board, 10μs pulse duty cycle = 1%.
NC = Part Marking Code
Top View
Bar Denotes Gate and Source Side
NC
Top View
Bar Denotes Gate and Source Side
NC
From date code 1527 (YYWW),
this changes to:
NC
Top View
Dot Denotes Drain Side


Similar Part No. - DMN2400UFB4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2400UFB4-7 DIODES-DMN2400UFB4-7 Datasheet
152Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DS32025 Rev. 3 - 2
DMN2400UFB4-7 DIODES-DMN2400UFB4-7 Datasheet
462Kb / 9P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2400UFB4-7B DIODES-DMN2400UFB4-7B Datasheet
462Kb / 9P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2400UFB4-7R DIODES-DMN2400UFB4-7R Datasheet
462Kb / 9P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2400UFB4-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com