Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2990UFZ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2990UFZ
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2990UFZ Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2990UFZ_15 Datasheet HTML 1Page - Diodes Incorporated DMN2990UFZ_15 Datasheet HTML 2Page - Diodes Incorporated DMN2990UFZ_15 Datasheet HTML 3Page - Diodes Incorporated DMN2990UFZ_15 Datasheet HTML 4Page - Diodes Incorporated DMN2990UFZ_15 Datasheet HTML 5Page - Diodes Incorporated DMN2990UFZ_15 Datasheet HTML 6Page - Diodes Incorporated DMN2990UFZ_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN2990UFZ
Document number: DS36693 Rev. 4 - 2
1 of 7
www.diodes.com
January 2015
© Diodes Incorporated
DMN2990UFZ
20V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
20V
0.99Ω @ VGS = 4.5V
250mA
1.2Ω @ VGS = 2.5V
230mA
1.8Ω @ VGS = 1.8V
180mA
2.4Ω @ VGS = 1.5V
150mA
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
General Purpose Interfacing Switch
Power Management Functions
Analog Switch
Features and Benefits
Low Package Profile, 0.42mm Maximum Package Height
0.62mm x 0.62mm Package Footprint
Low On-Resistance
Very Low Gate Threshold Voltage, 1.0V Max
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
Case: X2-DFN0606-3
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – NiPdAu over Copper Leadframe
Solderable per MIL-STD-202, Method 208
Weight: 0.001 grams (Approximate)
X2-DFN0606-3
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN2990UFZ-7B
X2-DFN0606-3
10K/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
X2-DFN0606-3
Equivalent Circuit
Top View
Package Pin Configuration
ESD PROTECTED
e4
6N = Product Type Marking Code
Top View
Bar Denotes Gate
and Source Side
Bottom View


Similar Part No. - DMN2990UFZ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2990UFZ-7B DIODES-DMN2990UFZ-7B Datasheet
249Kb / 7P
   Low On-Resistance
More results

Similar Description - DMN2990UFZ_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com