Electronic Components Datasheet Search |
|
TLF50241EL Datasheet(PDF) 5 Page - Marl International Limited |
|
TLF50241EL Datasheet(HTML) 5 Page - Marl International Limited |
5 / 30 page TLF50241EL Pin Configuration Data Sheet 5 Rev. 1.0, 2013-06-19 3 Pin Configuration 3.1 Pin Assignment Figure 2 Pin Configuration 3.2 Pin Definitions and Functions Pin Symbol Function 1RO Reset Output Provides the reset output signal. Open collector output, connect a pull up resistor to V CC or another voltage source, if feature is used, if not, leave open. 2N.C. Not Connected. Internally not connected. Leave open or connect to GND. 3N.C. Not Connected. Internally not connected. Leave open or connect to GND. 4SYNC Synchronization Input Connect to an external clock signal in order to synchronize/adjust the switching frequency. This feature is not functionally in PFM mode. 5FREQ Frequency Adjustment Pin Connect an external resistor to GND to adjust the switching frequency, do not leave open. In case the synchronization option is used, the resistor must be dimensioned close to the desired synchronization frequency. 6RTADJ Reset Threshold Adjust Pin Connect an external resistor divider to adjust the Reset threshold. If function is not used, connect to V CC . 7FB Feedback Input Connect this pin directly to the output capacitor. Also input for internal power supply. The internal power supply is taken from the output voltage. 8N.C. Not Connected. Internally not connected. Leave open or connect to GND. 9GND Ground Connect this pin directly with low inductive and broad trace to ground, do not leave open. N.C. N.C. SWO N.C. 11 12 4 3 2 13 1 14 SYNC TLF50241EL RO GND 5 FREQ 6 RTADJ 7 FB GND 10 9 N.C. 8 PG-SSOP14 VS N.C. |
Similar Part No. - TLF50241EL_15 |
|
Similar Description - TLF50241EL_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |