Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C25G Datasheet(PDF) 2 Page - Won-Top Electronics

Part # C25G
Description  25A AUTOMOTIVE CELL DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

C25G Datasheet(HTML) 2 Page - Won-Top Electronics

  C25G Datasheet HTML 1Page - Won-Top Electronics C25G Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
C25A – C25K
WON-TOP ELECTRONICS
®
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
C25A
5.7mm Cell Diode
10000 Units/Bottle
C25B
5.7mm Cell Diode
10000 Units/Bottle
C25D
5.7mm Cell Diode
10000 Units/Bottle
C25G
5.7mm Cell Diode
10000 Units/Bottle
C25J
5.7mm Cell Diode
10000 Units/Bottle
C25K
5.7mm Cell Diode
10000 Units/Bottle
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, C25A-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - C25G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C25G WTE-C25G Datasheet
23Kb / 2P
   25A AUTOMOTIVE RECTIFIER CELL
C25G WTE-C25G Datasheet
29Kb / 2P
   25A AUTOMOTIVE CELL DIODE
logo
List of Unclassifed Man...
C25GNF290_ ETC-C25GNF290_ Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
C25GNF390_ ETC-C25GNF390_ Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
C25GNY8 ETC-C25GNY8 Datasheet
231Kb / 1P
   Definite Purpose Contactor
More results

Similar Description - C25G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C25A WTE-C25A_06 Datasheet
29Kb / 2P
   25A AUTOMOTIVE CELL DIODE
C25A WTE-C25A Datasheet
23Kb / 2P
   25A AUTOMOTIVE RECTIFIER CELL
AR25A WTE-AR25A Datasheet
51Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
AR25A WTE-AR25A_06 Datasheet
68Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
logo
Nanjing International G...
ARS25G DGNJDZ-ARS25G Datasheet
5Mb / 3P
   25A AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
C50A WTE-C50A_14 Datasheet
31Kb / 2P
   50A AUTOMOTIVE CELL DIODE
C50A WTE-C50A_06 Datasheet
42Kb / 2P
   50A AUTOMOTIVE CELL DIODE
C35A WTE-C35A_14 Datasheet
31Kb / 2P
   35A AUTOMOTIVE CELL DIODE
C70A WTE-C70A_14 Datasheet
31Kb / 2P
   70A AUTOMOTIVE CELL DIODE
C35A WTE-C35A_06 Datasheet
42Kb / 2P
   35A AUTOMOTIVE CELL DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com