Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG130GR Datasheet(PDF) 1 Page - NEC

Part # UPG130GR
Description  L-BAND SPDT SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG130GR Datasheet(HTML) 1 Page - NEC

  UPG130GR Datasheet HTML 1Page - NEC UPG130GR Datasheet HTML 2Page - NEC UPG130GR Datasheet HTML 3Page - NEC UPG130GR Datasheet HTML 4Page - NEC UPG130GR Datasheet HTML 5Page - NEC UPG130GR Datasheet HTML 6Page - NEC UPG130GR Datasheet HTML 7Page - NEC UPG130GR Datasheet HTML 8Page - NEC UPG130GR Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©
1996
DATA SHEET
GaAs INTEGRATED CIRCUIT
µµµµµPG132G
DESCRIPTION
µPG132G is an L-Band SPDT (Single Pole Double Throw) GaAs FET switch which was developed for digital cellular
or cordless telephone application.
The device can operate from 100 MHz to 2.5 GHz, having the low insertion loss.
It housed in an original 8 pin SSOP that is smaller than usual 8 pin SOP and easy to install and contributes to
miniaturizing the system.
It can be used in wide-band switching applications.
FEATURES
Maximum transmission power :
0.6 W (typ.)
Low insertion loss
:
0.6 dB (typ.) at f = 2 GHz
High switching speed
:
30 ns
+3 V/0 V control voltage
Small package
:
8 pins SSOP
APPLICATION
Digital cordless telephone
:
PHS, PCS, DECT etc.
Digital hand-held cellular phone, WLAN
ORDERING INFORMATION
PART NUMBER
PACKAGE
PACKING FORM
µPG132G-E1
8 pin plastic SSOP
Carrier tape width 12 mm.
QTY 2kp/Reel.
For evaluation sample order, please contact your local NEC sales office.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Control Voltage
VCONT
–0.6 to +6
V
Input Power
Pin
31
dBm
Total Power Dissipation
Ptot
0.4
W
Operating Case Temperature
Topt
–65 to +90
˚C
Storage Temperature
Tstg
–65 to +150
˚C
CAUTION:
The IC must be handled with care to prevent static discharge because its circuit is composed
of GaAs MES FET.
L-BAND SPDT SWITCH
Document No. P10732EJ2V0DS00 (2nd edition)
Date Published April 1996 P
Printed in Japan


Similar Part No. - UPG130GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPG130GR NEC-UPG130GR Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG130GR RENESAS-UPG130GR Datasheet
373Kb / 12P
   GaAs INTEGRATED CIRCUIT
1995
More results

Similar Description - UPG130GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
   L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG138GV NEC-UPG138GV Datasheet
64Kb / 8P
   L-BAND SPDT SWITCH
UPG152TA NEC-UPG152TA Datasheet
83Kb / 12P
   L-BAND SPDT SWITCH
UPG153TB NEC-UPG153TB Datasheet
56Kb / 8P
   L-BAND SPDT SWITCH
UPG133G NEC-UPG133G Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
UPG154TB NEC-UPG154TB Datasheet
94Kb / 16P
   L-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
   L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TB CEL-UPG2012TB Datasheet
266Kb / 8P
   L-BAND SPDT SWITCH
logo
NEC
UPG2012TB NEC-UPG2012TB_1 Datasheet
72Kb / 9P
   L-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com