Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2159 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2159
Description  16-Bit, 20Msps Low Power ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2159 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2159_15 Datasheet HTML 7Page - Linear Technology LTC2159_15 Datasheet HTML 8Page - Linear Technology LTC2159_15 Datasheet HTML 9Page - Linear Technology LTC2159_15 Datasheet HTML 10Page - Linear Technology LTC2159_15 Datasheet HTML 11Page - Linear Technology LTC2159_15 Datasheet HTML 12Page - Linear Technology LTC2159_15 Datasheet HTML 13Page - Linear Technology LTC2159_15 Datasheet HTML 14Page - Linear Technology LTC2159_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC2159
11
2159f
Typical perForMance characTerisTics
SNR vs Input Frequency, –1dBFS,
20Msps, 2V Range
2nd, 3rd Harmonic vs Input
Frequency, –1dBFS, 20Msps,
2V Range
2nd, 3rd Harmonic vs Input
Frequency, –1dBFS, 20Msps,
1V Range
SFDR vs Input Level,
fIN = 70MHz, 20Msps, 2V Range
IVDD vs Sample Rate, 5MHz,
–1dBFS Wine Wave Input
IOVDD vs Sample Rate, 5MHz,
–1dBFS Sine Wave Input
SNR vs SENSE,
fIN = 5MHz, –1dBFS
INPUT FREQUENCY (MHz)
0
72
71
70
78
77
76
75
74
73
50
100
150
200
250
300
2159 G04
SINGLE-ENDED
ENCODE
DIFFERENTIAL
ENCODE
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
90
85
80
75
70
65
100
95
2159 G05
2ND
3RD
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
90
85
80
75
70
65
100
95
2159 G06
2ND
3RD
INPUT LEVEL (dBFS)
–80
60
50
40
30
20
80
70
90
100
130
120
110
–70 –60 –50 –40 –30 –20 –10
0
2159 G07
dBFS
dBc
SAMPLE RATE (Msps)
0
21
17
25
29
4
8
12
16
20
2159 G08
CMOS OUTPUTS
3.5mA LVDS
OUTPUTS
SAMPLE RATE (Msps)
0
10
0
20
30
40
50
4
8
12
16
20
2159 G09
1.8V CMOS
1.75mA LVDS
3.5mA LVDS
1.2V CMOS
SENSE PIN (V)
0.6
71
70
72
73
78
77
76
75
74
0.7
0.8
0.9
1.1
1.2
1.3
1
2159 G10


Similar Part No. - LTC2159_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
More results

Similar Description - LTC2159_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2271 LINER-LTC2271_15 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com