Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC01S-B18 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # SIC01S-B18
Description  ptb tested high chip stability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SIC01S-B18 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  SIC01S-B18 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SIC01S-B18 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SIC01S-B18 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.roithner-laser.com
3
Outline Dimensions
All dimensions in mm
Circuit
Application Note
For correct reading of the photodiode the current (and NOT the voltage) must be analyzed. This requires a
short circuiting of the photodiode. Usual approaches are using a Picoamperemeter or a transimpedance
amplifier circuit as shown above.
To make the photodiode running reliably, particularly in harsh environment, EMC compatibility and protection
against dust, water, and mechanical influences is required. Below listed modules base on a SiC photodiode
and guarantee this protection and safety.
UVTIAMO: SiC photodiodes with integrated amplifier (0-5V output), available for power intensities ranging
from 1.8 pW/cm² to 18 W/cm² for UV broadband, UVA, UVB, UVC or Erythema (UV-Index) mea-
surements. No additional amplifier needed, direct connection to voltmeter, controller, etc.
UV-probe: SiC based sensor modules in customizable industry grade housings (e.g. cosine response,
water pressure proof, sapphire windows) and different electronic output configurations
(voltage, current, USB, Can) to choose from.
 Ask us for further details!
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SIC01S-B18

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SIC01S-18 ROITHNER-SIC01S-18 Datasheet
683Kb / 3P
   ptb tested high chip stability
SIC01S-18ISO90 ROITHNER-SIC01S-18ISO90 Datasheet
700Kb / 3P
   ptb tested high chip stability
SIC01S-C18 ROITHNER-SIC01S-C18 Datasheet
686Kb / 3P
   ptb tested high chip stability
More results

Similar Description - SIC01S-B18

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SIC01S-18ISO90 ROITHNER-SIC01S-18ISO90 Datasheet
700Kb / 3P
   ptb tested high chip stability
SIC01S-C18 ROITHNER-SIC01S-C18 Datasheet
686Kb / 3P
   ptb tested high chip stability
SIC01L-18 ROITHNER-SIC01L-18 Datasheet
676Kb / 3P
   ptb tested high chip stability
SIC01M-5LENS ROITHNER-SIC01M-5LENS Datasheet
742Kb / 3P
   ptb tested high chip stability
SIC01L-5 ROITHNER-SIC01L-5 Datasheet
684Kb / 3P
   ptb tested high chip stability
SIC01M-18 ROITHNER-SIC01M-18 Datasheet
681Kb / 3P
   ptb tested high chip stability
SIC01L-C5 ROITHNER-SIC01L-C5 Datasheet
690Kb / 3P
   ptb tested high chip stability
SIC01S-18 ROITHNER-SIC01S-18 Datasheet
683Kb / 3P
   ptb tested high chip stability
SIC01XL-5 ROITHNER-SIC01XL-5 Datasheet
690Kb / 3P
   ptb tested high chip stability
logo
Vishay Siliconix
TNPW12061K32DETA VISHAY-TNPW12061K32DETA Datasheet
111Kb / 8P
   High Stability Thin Film Chip Resistor
Revision: 06-Jul-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com