Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB1N-490 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # SMB1N-490
Description  blue high power led
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-490 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  SMB1N-490 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-490 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-490 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1N-490 Datasheet HTML 4Page - Roithner LaserTechnik GmbH SMB1N-490 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.roithner-laser.com
2
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by S3584-08
*
2 measured by CIE127-2007 Condition B
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=250mA
490
nm
Half Width
∆λ
IF=250mA
23
nm
Dominant Wavelength
λD
IF=250mA
493
nm
Forward Voltage
VF
IF=250mA
3.3
4.1
V
VF
IF=350mA
3.4
VFP
IFP=700mA
4.1
Radiated Power *
1
PO
IF=250mA
240
mW
IF=350mA
320
IFP=700mA
560
Radiant Intensity *
2
IE
IF=250mA
47
mW/sr
IF=350mA
61
IFP=700mA
110
Luminous Flux
ФV
IF=250mA
40
lm
IF=350mA
52
IFP=700mA
95
Viewing Angle
φ
IF=100mA
126
deg.
Rise Time
tR
IF=250mA
160
ns
Fall Time
tF
IF=250mA
160
ns


Similar Part No. - SMB1N-490

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMB1N-490-02 ROITHNER-SMB1N-490-02 Datasheet
831Kb / 4P
   blue high power led
SMB1N-490H-02 ROITHNER-SMB1N-490H-02 Datasheet
1Mb / 4P
   Blue High Power led
More results

Similar Description - SMB1N-490

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SMB1N-D470-02 ROITHNER-SMB1N-D470-02 Datasheet
822Kb / 4P
   blue high power led
SMB1N-490H-02 ROITHNER-SMB1N-490H-02 Datasheet
1Mb / 4P
   Blue High Power led
SMB1N-D450-02 ROITHNER-SMB1N-D450-02 Datasheet
1Mb / 4P
   Blue High Power led
logo
Unisonic Technologies
PBL01NBT-C0 UTC-PBL01NBT-C0 Datasheet
274Kb / 4P
   BLUE HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-490-02 ROITHNER-SMB1N-490-02 Datasheet
831Kb / 4P
   blue high power led
SMB1N-D450 ROITHNER-SMB1N-D450 Datasheet
822Kb / 4P
   blue high power led
SMB1N-D470 ROITHNER-SMB1N-D470 Datasheet
812Kb / 4P
   blue high power led
logo
Shanghai Toplite Techno...
A-HR511B-SA-1W TOPLITE-A-HR511B-SA-1W Datasheet
127Kb / 4P
   For Blue-High Power LED Lamp
logo
List of Unclassifed Man...
SML-LX1610USBC ETC2-SML-LX1610USBC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED 470nm blue LED.
logo
LUMEX INC.
SML-LX1610USBC LUMEX-SML-LX1610USBC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED, 470nm BLUE LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com