Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD353S Datasheet(PDF) 2 Page - Won-Top Electronics

Part # DD353S
Description  35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DD353S Datasheet(HTML) 2 Page - Won-Top Electronics

  DD353S Datasheet HTML 1Page - Won-Top Electronics DD353S Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
DD350/S – DD356/S
WON-TOP ELECTRONICS
®
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
DD350
9.5mm Dish Press-Fit
500 Units/Box
DD350S
8.4mm Dish Press-Fit
1000 Units/Box
DD351
9.5mm Dish Press-Fit
500 Units/Box
DD351S
8.4mm Dish Press-Fit
1000 Units/Box
DD352
9.5mm Dish Press-Fit
500 Units/Box
DD352S
8.4mm Dish Press-Fit
1000 Units/Box
DD353
9.5mm Dish Press-Fit
500 Units/Box
DD353S
8.4mm Dish Press-Fit
1000 Units/Box
DD354
9.5mm Dish Press-Fit
500 Units/Box
DD354S
8.4mm Dish Press-Fit
1000 Units/Box
DD355
9.5mm Dish Press-Fit
500 Units/Box
DD355S
8.4mm Dish Press-Fit
1000 Units/Box
DD356
9.5mm Dish Press-Fit
500 Units/Box
DD356S
8.4mm Dish Press-Fit
1000 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, DD350-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - DD353S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DD353S WTE-DD353S Datasheet
29Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
More results

Similar Description - DD353S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DD350 WTE-DD350 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD3520 WTE-DD3520_14 Datasheet
31Kb / 2P
   35A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE
DD3520 WTE-DD3520 Datasheet
29Kb / 2P
   35A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE
DD250 WTE-DD250_14 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD250 WTE-DD250 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD2520 WTE-DD2520 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE
DD2520 WTE-DD2520_14 Datasheet
31Kb / 2P
   25A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE
HD3500 WTE-HD3500 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
HD3520 WTE-HD3520 Datasheet
31Kb / 2P
   35A GLASS PASSIVATED AVALANCHE HITACHI TYPE PRESS-FIT DIODE
TC3500 WTE-TC3500_14 Datasheet
32Kb / 2P
   35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com